Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6718L-B-T92-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2N6718L-B-T92-R
Description  NPN GENERAL PLANAR TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N6718L-B-T92-R Datasheet(HTML) 1 Page - Unisonic Technologies

  2N6718L-B-T92-R Datasheet HTML 1Page - Unisonic Technologies 2N6718L-B-T92-R Datasheet HTML 2Page - Unisonic Technologies 2N6718L-B-T92-R Datasheet HTML 3Page - Unisonic Technologies 2N6718L-B-T92-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
2N6718
NPN SILICON TRANSISTOR
www.unisonic.com.tw
1 of 4
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R201-056,B
NPN GENERAL PLANAR
TRANSISTOR
DESCRIPTION
The UTC 2N6718 is designed for general purpose medium
power amplifier and switching applications.
FEATURES
* High Power: 850mW
* High Current: 1A
TO-92
1
TO-126C
1
1
SOT-89
*Pb-free plating product number: 2N6718L
ORDERING INFORMATION
Order Number
Pin Assignment
Normal
Lead Free Plating
Package
1
2
3
Packing
2N6718-x-AB3-R
2N6718-x-AB3-R
SOT-89
B
C
E
Tape Reel
2N6718-x-T6C-K
2N6718-x-T6C-K
TO-126C
E
C
B
Bulk
2N6718-x-T92-B
2N6718-x-T92-B
TO-92
E
C
B
Tape Box
2N6718-x-T92-K
2N6718-x-T92-K
TO-92
E
C
B
Bulk
2N6718L-x-AB3-R
(1)Packing Type
(2)Package Type
(3)Rank
(4)Lead Plating
(1) B: Tape Box, K: Bulk, R: Tape Reel
(2) AB3: SOT-89, T6C: TO-126C, T92: TO-92
(3) x: refer to Classification of hFE2
(4) L: Lead Free Plating, Blank: Pb/Sn


Similar Part No. - 2N6718L-B-T92-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N6718L-X-AB3-R UTC-2N6718L-X-AB3-R Datasheet
159Kb / 4P
NPN GENERAL PLANAR TRANSISTOR
2N6718L-X-T6C-K UTC-2N6718L-X-T6C-K Datasheet
159Kb / 4P
NPN GENERAL PLANAR TRANSISTOR
2N6718L-X-T92-B UTC-2N6718L-X-T92-B Datasheet
159Kb / 4P
NPN GENERAL PLANAR TRANSISTOR
2N6718L-X-T92-K UTC-2N6718L-X-T92-K Datasheet
159Kb / 4P
NPN GENERAL PLANAR TRANSISTOR
More results

Similar Description - 2N6718L-B-T92-R

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC2016 KEC-KTC2016 Datasheet
371Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE)
KTC2022D KEC-KTC2022D Datasheet
394Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE)
KTC4369 KEC-KTC4369 Datasheet
284Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE)
KTD2058 KEC-KTD2058 Datasheet
328Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE)
logo
Cystech Electonics Corp...
BTC2411L3 CYSTEKEC-BTC2411L3 Datasheet
155Kb / 4P
General Purpose NPN Epitaxial Planar Transistor
BTC4097S3 CYSTEKEC-BTC4097S3 Datasheet
141Kb / 4P
General Purpose NPN Epitaxial Planar Transistor
logo
Unisonic Technologies
2N6718 UTC-2N6718_10 Datasheet
159Kb / 4P
NPN GENERAL PLANAR TRANSISTOR
logo
Cystech Electonics Corp...
BTD669M3 CYSTEKEC-BTD669M3 Datasheet
310Kb / 7P
General Purpose NPN Epitaxial Planar Transistor
MMBT2222A CYSTEKEC-MMBT2222A Datasheet
283Kb / 8P
General Purpose NPN Epitaxial Planar Transistor
BTNA29N3 CYSTEKEC-BTNA29N3 Datasheet
348Kb / 8P
General Purpose NPN Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com