Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25PF020B Datasheet(PDF) 21 Page - Microchip Technology

Part # SST25PF020B
Description  2-Mbit 2.3V-3.6V SPI Serial Flash
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25PF020B Datasheet(HTML) 21 Page - Microchip Technology

Back Button SST25PF020B Datasheet HTML 17Page - Microchip Technology SST25PF020B Datasheet HTML 18Page - Microchip Technology SST25PF020B Datasheet HTML 19Page - Microchip Technology SST25PF020B Datasheet HTML 20Page - Microchip Technology SST25PF020B Datasheet HTML 21Page - Microchip Technology SST25PF020B Datasheet HTML 22Page - Microchip Technology SST25PF020B Datasheet HTML 23Page - Microchip Technology SST25PF020B Datasheet HTML 24Page - Microchip Technology SST25PF020B Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
2012-2020 Microchip Technology Inc.
DS20005135C-page 21
SST25PF020B
6.0
ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings (†)
Temperature under bias ..........................................................................................................................-55°C to +125°C
Storage temperature ...............................................................................................................................-65°C to +150°C
DC voltage on any pin to ground potential...........................................................................................-0.5V to VDD+0.5V
Transient voltage (<20 ns) on any pin to ground potential...................................................................-2.0V to VDD+2.0V
Package power dissipation capability (TA = 25°C)....................................................................................................1.0W
Surface mount solder reflow temperature.......................................................................................260°C for 10 seconds
Output short circuit current(1) ..................................................................................................................................50 mA
† NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above those
indicated in the operational listings of this specification is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.
Note 1: Output shorted for no more than one second. No more than one output shorted at a time.
TABLE 6-1:
OPERATING RANGE
Range
Ambient Temp.
VDD
Commercial
0°C to +70°C
2.3V-3.6V
TABLE 6-2:
AC CONDITIONS OF TEST(1)
Input Rise/Fall Time
Output Load
5 ns
CL = 30 pF
Note 1: See Figures 6-6 and 6-7.
TABLE 6-3:
DC CHARACTERISTICS
Symbol
Parameter
Limits
Test Conditions
Min.
Max.
Unit
IDDR
Read Current
—
12
mA
CE# = 0.1 VDD/0.9 VDD@33 MHz, SO = Open
IDDR3
Read Current
—
20
mA
CE# = 0.1 VDD/0.9 VDD@80 MHz, SO = Open
IDDW
Program and Erase Current
—
30
mA
CE# = VDD
ISB
Standby Current
—
30
µA
CE# =VDD, VIN = VDD or VSS
ILI
Input Leakage Current
—
1
µA
VIN = GND to VDD, VDD = VDD Max
ILO
Output Leakage Current
—
1
µA
VOUT = GND to VDD, VDD = VDD Max
VIL
Input Low Voltage
—
0.7
V
VDD = VDD Min
VIH
Input High Voltage
0.7 VDD
—
V
VDD = VDD Max
VOL
Output Low Voltage
—
0.2
V
IOL = 100 µA, VDD = VDD Min
VOL2
Output Low Voltage
—
0.4
V
IOL = 1.6 mA, VDD = VDD Min
IOH
Output High Voltage
VDD-0.2
—
V
IOH = -100 µA, VDD = VDD Min
TABLE 6-4:
CAPACITANCE (TA = 25°C, F = 1 MHZ, OTHER PINS OPEN)
Parameter
Description
Test Condition
Maximum
COUT(1)
Output Pin Capacitance
VOUT = 0V
12 pF
CIN(1)
Input Capacitance
VIN = 0V
6 pF
Note 1: This parameter is measured only for initial qualification and after a design or process change that could
affect this parameter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com