Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25PF020B Datasheet (PDF) - Microchip Technology

SST25PF020B Datasheet PDF - Microchip Technology
Part # SST25PF020B
Download  SST25PF020B Download
File Size   1619.13 Kbytes
Page   35 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 2-Mbit 2.3V-3.6V SPI Serial Flash

SST25PF020B Datasheet (PDF)

Go To PDF Page Download Datasheet
SST25PF020B Datasheet PDF - Microchip Technology

Part # SST25PF020B
Download  SST25PF020B Click to download

File Size   1619.13 Kbytes
Page   35 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 2-Mbit 2.3V-3.6V SPI Serial Flash

SST25PF020B Datasheet (HTML) - Microchip Technology


SST25PF020B Product details

Product Description
The 25 series Serial Flash family features a four-wire,
SPI compatible interface that allows for a low pin-count
package which occupies less board space and ultimately
lowers total system costs. The SST25PF020B
devices are enhanced with improved operating frequency
and even lower power consumption.
SST25PF020B SPI serial Flash memories are manufactured
with proprietary, high-performance CMOS
SuperFlash® technology. The split-gate cell design and
thick-oxide tunneling injector attain better reliability and
manufacturability compared with alternate approaches.
The SST25PF020B devices significantly improve performance
and reliability, while lowering power consumption.
The devices write (Program or Erase) with a
single power supply of 2.3V-3.6V for SST25PF020B.
The total energy consumed is a function of the applied
voltage, current and time of application. Since for any
given voltage range the SuperFlash technology uses
less current to program and has a shorter erase time,
the total energy consumed during any erase or program
operation is less than alternative Flash memory technologies.

Features
• Single Voltage Read and Write Operations:
- 2.3V-3.6V
• Serial Interface Architecture:
- SPI Compatible: Mode 0 and Mode 3
• High-Speed Clock Frequency:
- 80 MHz (2.7V-3.6V operation)
- 50 MHz (2.3V-2.7V operation)
• Superior Reliability:
- Endurance: 100,000 cycles (typical)
- Greater than 100 years data retention
• Low-Power Consumption:
- Active Read current: 10 mA (typical)
- Standby current: 5 μA (typical)
• Flexible Erase Capability:
- Uniform 4-Kbyte sectors
- Uniform 32-Kbyte overlay blocks
- Uniform 64-Kbyte overlay blocks
• Fast Erase and Byte Program:
- Chip Erase time: 35 ms (typical)
- Sector/Block Erase time: 18 ms (typical)
- Byte Program time: 7 μs (typical)
• Auto Address Increment (AAI) Programming:
- Decrease total chip programming time over
Byte Program operations
• End-of-Write Detection:
- Software polling the BUSY bit in STATUS
register
- Busy Status readout on SO pin in AAI Mode
• Hold Pin (HOLD#):
- Suspends a serial sequence to the memory
without deselecting the device
• Write Protection (WP#):
- Enables/Disables the Lock-Down function of
the STATUS register
• Software Write Protection:
- Write protection through Block Protection bits
in STATUS register
• Temperature Range:
- Commercial: 0°C to +70°C
• All devices are RoHS compliant




Similar Part No. - SST25PF020B

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST25PF020B MICROCHIP-SST25PF020B Datasheet
205Kb / 33P
2 Mbit 2.3-3.6V SPI Serial Flash
2012
SST25PF020B-80-4C-Q3AE MICROCHIP-SST25PF020B-80-4C-Q3AE Datasheet
205Kb / 33P
2 Mbit 2.3-3.6V SPI Serial Flash
2012
SST25PF020B-80-4C-Q3AE-T MICROCHIP-SST25PF020B-80-4C-Q3AE-T Datasheet
205Kb / 33P
2 Mbit 2.3-3.6V SPI Serial Flash
2012
SST25PF020B-80-4C-QAE MICROCHIP-SST25PF020B-80-4C-QAE Datasheet
205Kb / 33P
2 Mbit 2.3-3.6V SPI Serial Flash
2012
SST25PF020B-80-4C-QAE-T MICROCHIP-SST25PF020B-80-4C-QAE-T Datasheet
205Kb / 33P
2 Mbit 2.3-3.6V SPI Serial Flash
2012
More results


Similar Description - SST25PF020B

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST25LF020A SST-SST25LF020A_10 Datasheet
620Kb / 25P
2 Mbit SPI Serial Flash
SST25VF020B SST-SST25VF020B Datasheet
887Kb / 33P
2 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF020B MICROCHIP-SST25VF020B_11 Datasheet
3Mb / 35P
2 Mbit SPI Serial Flash
2011 Silicon
SST25PF020B MICROCHIP-SST25PF020B Datasheet
205Kb / 33P
2 Mbit 2.3-3.6V SPI Serial Flash
2012
SST25VF020B MICROCHIP-SST25VF020B_13 Datasheet
346Kb / 36P
2 Mbit SPI Serial Flash
2013 04/13
SST25PF080B MICROCHIP-SST25PF080B_12 Datasheet
215Kb / 32P
8 Mbit 2.3-3.6V SPI Serial Flash
2012
SST25PF080B MICROCHIP-SST25PF080B Datasheet
417Kb / 32P
8 Mbit 2.3-3.6V SPI Serial Flash
2014
SST25PF040B MICROCHIP-SST25PF040B Datasheet
409Kb / 31P
4 Mbit 2.3-3.6V SPI Serial Flash
2014
logo
Dialog Semiconductor
AT25DF021A DIALOG-AT25DF021A Datasheet
422Kb / 3P
2-Mbit, 1.7V-3.6V Minimum SPI Serial Flash Memory
logo
Microchip Technology
SST25VF020B MICROCHIP-SST25VF020B Datasheet
1Mb / 33P
2-Mbit SPI Serial Flash
Revision D / March 2020
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com