Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25VF040B Datasheet(PDF) 21 Page - Microchip Technology

Part # SST25VF040B
Description  4-Mbit SPI Serial Flash
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25VF040B Datasheet(HTML) 21 Page - Microchip Technology

Back Button SST25VF040B Datasheet HTML 17Page - Microchip Technology SST25VF040B Datasheet HTML 18Page - Microchip Technology SST25VF040B Datasheet HTML 19Page - Microchip Technology SST25VF040B Datasheet HTML 20Page - Microchip Technology SST25VF040B Datasheet HTML 21Page - Microchip Technology SST25VF040B Datasheet HTML 22Page - Microchip Technology SST25VF040B Datasheet HTML 23Page - Microchip Technology SST25VF040B Datasheet HTML 24Page - Microchip Technology SST25VF040B Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
 2005-2020 Microchip Technology Inc.
DS20005051F-page 21
SST25VF040B
8.0
AC CHARACTERISTICS
TABLE 8-1:
AC OPERATING CHARACTERISTICS
Symbol
Parameter
25 MHz
50 MHz
Units
Min.
Max.
Min.
Max.
FCLK(1)
Serial Clock Frequency
—
25
—
50
MHz
TSCKH
Serial Clock High Time
18
—
9
—
ns
TSCKL
Serial Clock Low Time
18
—
9
—
ns
TSCKR(2)
Serial Clock Rise Time (slew rate)
0.1
—
0.1
—
V/ns
TSCKF
Serial Clock Fall Time (slew rate)
0.1
—
0.1
—
V/ns
TCES(3)
CE# Active Setup Time
10
—
5
—
ns
TCEH(3)
CE# Active Hold Time
10
—
5
—
ns
TCHS(3)
CE# Not Active Setup Time
10
—
5
—
ns
TCHH(3)
CE# Not Active Hold Time
10
—
5
—
ns
TCPH
CE# High Time
100
—
50
—
ns
TCHZ
CE# High-to-High Z Output
—
15
—
8
ns
TCLZ
SCK Low-to-Low Z Output
0
—
0
—
ns
TDS
Data In Setup Time
5
—
2
—
ns
TDH
Data In Hold Time
5
—
5
—
ns
THLS
HOLD# Low Setup Time
10
—
5
—
ns
THHS
HOLD# High Setup Time
10
—
5
—
ns
THLH
HOLD# Low Hold Time
10
—
5
—
ns
THHH
HOLD# High Hold Time
10
—
5
—
ns
THZ
HOLD# Low-to-High Z Output
—
20
—
8
ns
TLZ
HOLD# High-to-Low Z Output
—
15
—
8
ns
TOH
Output Hold from SCK Change
0
—
0
—
ns
TV
Output Valid from SCK
—
15
—
8
ns
TSE
Sector Erase
—
25
—
25
ms
TBE
Block Erase
—
25
—
25
ms
TSCE
Chip Erase
—
50
—
50
ms
TBP
Byte Program
—
10
—
10
µs
Note 1: Maximum clock frequency for Read Instruction, 03H, is 25 MHz.
2: Maximum Rise and Fall time may be limited by TSCKH and TSCKL requirements.
3: Relative to SCK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com