Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25VF040B Datasheet(PDF) 13 Page - Microchip Technology

Part # SST25VF040B
Description  4-Mbit SPI Serial Flash
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25VF040B Datasheet(HTML) 13 Page - Microchip Technology

Back Button SST25VF040B Datasheet HTML 9Page - Microchip Technology SST25VF040B Datasheet HTML 10Page - Microchip Technology SST25VF040B Datasheet HTML 11Page - Microchip Technology SST25VF040B Datasheet HTML 12Page - Microchip Technology SST25VF040B Datasheet HTML 13Page - Microchip Technology SST25VF040B Datasheet HTML 14Page - Microchip Technology SST25VF040B Datasheet HTML 15Page - Microchip Technology SST25VF040B Datasheet HTML 16Page - Microchip Technology SST25VF040B Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
 2005-2020 Microchip Technology Inc.
DS20005051F-page 13
SST25VF040B
FIGURE 5-7:
AUTO ADDRESS INCREMENT (AAI) WORD PROGRAM SEQUENCE WITH
SOFTWARE END OF WRITE DETECTION
5.7
4-KByte Sector Erase
The Sector Erase instruction clears all bits in the
selected 4-Kbyte sector to FFH. A Sector Erase
instruction applied to a protected memory area will be
ignored. Prior to any Write operation, the Write Enable
(WREN) instruction must be executed. CE# must remain
active-low for the duration of any command sequence.
The Sector Erase instruction is initiated by executing
an 8-bit command, 20H, followed by address bits [A23-
A0]. Address bits [AMS-A12] (AMS = Most Significant
address) are used to determine the sector address
(SAX), remaining address bits can be VIL or VIH. CE#
must be driven high before the instruction is executed.
The user may poll the BUSY bit in the software
STATUS register or wait TSE for the completion of the
internal self-timed Sector Erase cycle. See Figure 5-8
for the Sector Erase sequence.
FIGURE 5-8:
SECTOR ERASE
SEQUENCE
5.8
32-Kbyte and 64-Kbyte Block
Erase
The 32-Kbyte Block Erase instruction clears all bits in
the selected 32 Kbyte block to FFH. A Block Erase
instruction applied to a protected memory area will be
ignored. The 64-Kbyte Block-Erase instruction clears
all bits in the selected 64 Kbyte block to FFH. A Block
Erase instruction applied to a protected memory area
will be ignored.
Prior to any Write operation, the Write Enable (WREN)
instruction must be executed. CE# must remain active-
low for the duration of any command sequence. The
32-Kbyte Block Erase instruction is initiated by
executing an 8-bit command, 52H, followed by address
bits [A23-A0]. Address bits [AMS-A15] (AMS =Most
Significant Address) are used to determine block
address (BAX), remaining address bits can be VIL or
VIH. CE# must be driven high before the instruction is
executed. The 64-Kbyte Block Erase instruction is
initiated by executing an 8-bit command D8H, followed
by address bits [A23-A0]. Address bits [AMS-A15] are
used to determine block address (BAX) while remaining
address bits can be VIL or VIH. CE# must be driven high
before the instruction is executed. The user may poll
the BUSY bit in the software STATUS register or wait
TBE for the completion of the internal self-timed 32-
Kbyte Block Erase or 64-Kbyte Block Erase cycles.
See Figure 5-9 and Figure 5-10 for the 32-Kbyte Block
Erase and 64-Kbyte Block Erase sequences.
FIGURE 5-9:
32-KBYTE BLOCK ERASE
SEQUENCE
Note 1: Valid commands during AAI programming: RDSR command or WRDI command.
07 8
32
47
15 16
23 24
31
0
40
39
7 8
15 16
23
7 8
15 16
23
70
15
78
00
CE#
SI
SCK
SO
DOUT
MODE 3
MODE 0
Wait TBP or poll software STATUS
register to load next valid
(1) command
Last 2
Data Bytes
WRDI to exit
AAI Mode
Load AAI command, Address, 2 bytes data
AA
A
AD
D0
AD
D1
D2
D3
AD
Dn-1
Dn
WRDI
RDSR
CE#
SO
SI
SCK
ADD.
0 1 234 5 6 78
ADD.
ADD.
20
MS
H
I
15 16
23 24
31
MODE 0
MODE 3
MS
CE#
SO
SI
SCK
ADDR
0 1 234 5 6 78
ADDR
ADDR
52
MS
H
I
15 16
23 24
31
MODE 0
MODE 3
MS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com