Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST38VF6401B Datasheet(PDF) 21 Page - Microchip Technology

Part # SST38VF6401B
Description  64 Mbit (x16) Advanced Multi-Purpose Flash Plus
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST38VF6401B Datasheet(HTML) 21 Page - Microchip Technology

Back Button SST38VF6401B Datasheet HTML 17Page - Microchip Technology SST38VF6401B Datasheet HTML 18Page - Microchip Technology SST38VF6401B Datasheet HTML 19Page - Microchip Technology SST38VF6401B Datasheet HTML 20Page - Microchip Technology SST38VF6401B Datasheet HTML 21Page - Microchip Technology SST38VF6401B Datasheet HTML 22Page - Microchip Technology SST38VF6401B Datasheet HTML 23Page - Microchip Technology SST38VF6401B Datasheet HTML 24Page - Microchip Technology SST38VF6401B Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
 2013 Microchip Technology Inc.
Preliminary
DS20005002D-page 21
SST38VF6401B / SST38VF6402B / SST38VF6403B / SST38VF6404B
TABLE 5-5:
SYSTEM INTERFACE INFORMATION FOR SST38VF6401B/6402B/6403B/6404B
Address
Data
Description
1BH
0027H
VDD Min (Program/Erase)
DQ7-DQ4: Volts, DQ3-DQ0: 100 millivolts
1CH
0036H
VDD Max (Program/Erase)
DQ7-DQ4: Volts, DQ3-DQ0: 100 millivolts
1DH
0000H
VPP min. (00H = no VPP pin)
1EH
0000H
VPP max. (00H = no VPP pin)
1FH
0003H
Typical time out for Word-Program 2N μs (23 = 8 μs)
20H
0003H
Typical time out for min. size buffer program 2N μs (00H = not supported)
21H
0004H
Typical time out for individual Block-Erase 2N ms (24 = 16 ms)
22H
0005H
Typical time out for Chip-Erase 2N ms (25 = 32 ms)
23H
0001H
Maximum time out for Word-Program 2N times typical (21 x 23 = 16 μs)
24H
0003H
Maximum time out for buffer program 2N times typical
25H
0001H
Maximum time out for individual Block-Erase 2N times typical (21 x 24 = 32 ms)
26H
0001H
Maximum time out for Chip-Erase 2N times typical (21 x 25 = 64 ms)
TABLE 5-6:
DEVICE GEOMETRY INFORMATION FOR SST38VF6401B/6402B/6403B/6404B
Address
Data
Description
27H
0017H
Device size = 2N Bytes (17H = 23; 223 = 8 MByte)
28H
0001H
Flash Device Interface description; 0001H = x16-only asynchronous interface
29H
0000H
2AH
0005H
Maximum number of bytes in multi-byte write = 2N (00H = not supported)
2BH
0000H
2CH
000xH
Number of Erase Block regions in the device (01H = uniform boot device, 02H = non-uniform boot
device.
2DH
00xxH
Erase Block Region 1 Information
007FH, 0000H, 0000H, 0001H, for SST38VF6401B/6402B
0007H, 0000H, 0020H, 0000H for SST38VF6403B/6404B
2EH
000xH
2FH
00x0H
30H
000xH
31H
Erase Block Region 2 Information
0000H, 0000H, 0000H, 0000H, for SST38VF6401B/6402B
007EH, 0000H, 0000H, 0001H for SST38VF6403B/6404B
32H
33H
34H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com