Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST38VF6401B Datasheet (PDF) - Microchip Technology

SST38VF6401B Datasheet PDF - Microchip Technology
Part # SST38VF6401B
Download  SST38VF6401B Download
File Size   1127.0 Kbytes
Page   56 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 64 Mbit (x16) Advanced Multi-Purpose Flash Plus

SST38VF6401B Datasheet (PDF)

Go To PDF Page Download Datasheet
SST38VF6401B Datasheet PDF - Microchip Technology

Part # SST38VF6401B
Download  SST38VF6401B Click to download

File Size   1127.0 Kbytes
Page   56 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 64 Mbit (x16) Advanced Multi-Purpose Flash Plus

SST38VF6401B Datasheet (HTML) - Microchip Technology


SST38VF6401B Product details

Description
The SST38VF6401B, SST38VF6402B, SST38VF6403B,
and SST38VF6404B devices are 4M x16 CMOS
Advanced Multi-Purpose Flash Plus (Advanced MPF+)
manufactured with Microchip proprietary, high-performance
CMOS SuperFlash technology. The split-gate cell
design and thick-oxide tunneling injector attain better reliability
and manufacturability compared with alternate
approaches. The SST38VF6401B/6402B/6403B/6404B
write (Program or Erase) with a 2.7-3.6V power supply.
These devices conform to JEDEC standard pin assignments
for x16 memories.
Featuring high performance Word-Program, the
SST38VF6401B/6402B/6403B/6404B provide a typical
Word-Program time of 7 μsec. For faster word-programming
performance, the Write-Buffer Programming
feature, has a typical word-program time of 1.75 μsec.
These devices use Toggle Bit, Data# Polling, or the RY/
BY# pin to indicate Program operation completion. In
addition to single-word Read, Advanced MPF+ devices
provide a Page-Read feature that enables a faster
word read time of 25 ns, eight words on the same page.
To protect against inadvertent write, the
SST38VF6401B/6402B/6403B/6404B have on-chip
hardware and Software Data Protection schemes.
Designed, manufactured, and tested for a wide spectrum
of applications, these devices are available with
100,000 cycles minimum endurance. Data retention is
rated at greater than 100 years.
The SST38VF6401B/6402B/6403B/6404B are suited for
applications that require the convenient and economical
updating of program, configuration, or data memory.
For all system applications, Advanced MPF+
significantly improve performance and reliability, while
lowering power consumption. These devices inherently
use less energy during Erase and Program than alternative
flash technologies. The total energy consumed
is a function of the applied voltage, current, and time of
application. For any given voltage range, the Super-
Flash technology uses less current to program and has
a shorter erase time; therefore, the total energy consumed
during any Erase or Program operation is less
than alternative flash technologies.
These devices also improve flexibility while lowering
the cost for program, data, and configuration storage
applications. The SuperFlash technology provides
fixed Erase and Program times, independent of the
number of Erase/Program cycles that have occurred.
Therefore, the system software or hardware does not
have to be modified or de-rated as is necessary with
alternative flash technologies, whose Erase and Program
times increase with accumulated Erase/Program cycles.
The SST38VF6401B/6402B/6403B/6404B also offer
flexible data protection features. Applications that
require memory protection from program and erase
operations can use the Boot Block, Individual Block
Protection, and Advanced Protection features. For
applications that require a permanent solution, the Irreversible
Block Locking feature provides permanent
protection for memory blocks.

Features
• Organized as 4M x16
• Single Voltage Read and Write Operations
- 2.7-3.6V
• Superior Reliability
- Endurance: 100,000 Cycles minimum
- Greater than 100 years Data Retention
• Low Power Consumption (typical values at 5 MHz)
- Active Current: 25 mA (typical)
- Standby Current: 5 μA (typical)
- Auto Low Power Mode: 5 μA (typical)
• 128-bit Unique ID
• Security-ID Feature
- 248 Word, user One-Time-Programmable
• Protection and Security Features
- Hardware Boot Block Protection/WP# Input Pin,
Uniform (32 KWord), and Non-Uniform
(8 KWord) options available
- User-controlled individual block (32 KWord) protection,
using software only methods
- Password protection
• Hardware Reset Pin (RST#)
• Fast Read and Page Read Access Times:
- 70 ns Read access time
- 25 ns Page Read access times
- 8-Word Page Read buffer
• Latched Address and Data
• Fast Erase Times:
- Block-Erase Time: 18 ms (typical)
- Chip-Erase Time: 40 ms (typical)
• Erase-Suspend/-Resume Capabilities
• Fast Word and Write-Buffer Programming Times:
- Word-Program Time: 7 μs (typical)
- Write Buffer Programming Time: 1.75 μs / Word
(typical)
- 16-Word Write Buffer
• Automatic Write Timing
- Internal VPP Generation
• End-of-Write Detection
- Toggle Bits
- Data# Polling
- RY/BY# Output
• CMOS I/O Compatibility
• JEDEC Standard
- Flash EEPROM Pinouts and command sets
• CFI Compliant
• Packages Available
- 48-lead TSOP
- 48-ball TFBGA
• All non-Pb (lead-free) devices are RoHS compliant




Similar Part No. - SST38VF6401B

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST38VF6401B MICROCHIP-SST38VF6401B Datasheet
713Kb / 58P
64 Mbit (x16) Advanced Multi-Purpose Flash Plus
2013
SST38VF6401B-70-5I-CD MICROCHIP-SST38VF6401B-70-5I-CD Datasheet
713Kb / 58P
64 Mbit (x16) Advanced Multi-Purpose Flash Plus
2013
SST38VF6401B-70-5I-TV MICROCHIP-SST38VF6401B-70-5I-TV Datasheet
713Kb / 58P
64 Mbit (x16) Advanced Multi-Purpose Flash Plus
2013
More results


Similar Description - SST38VF6401B

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39VF1601 SST-SST39VF1601 Datasheet
496Kb / 32P
16 Mbit / 32 Mbit / 64 Mbit (x16) Multi-Purpose Flash Plus
SST39VF6401B SST-SST39VF6401B Datasheet
476Kb / 30P
64 Mbit (x16) Multi-Purpose Flash Plus
SST39VF1601 SST-SST39VF1601_05 Datasheet
509Kb / 32P
16 Mbit / 32 Mbit / 64 Mbit (x16) Multi-Purpose Flash Plus
SST39WF1601 SST-SST39WF1601_11 Datasheet
618Kb / 27P
16 Mbit (x16) Multi-Purpose Flash Plus
logo
Microchip Technology
SST38VF6401B MICROCHIP-SST38VF6401B Datasheet
713Kb / 58P
64 Mbit (x16) Advanced Multi-Purpose Flash Plus
2013
logo
Silicon Storage Technol...
SST39VF801C-70-4C-B3KE SST-SST39VF801C-70-4C-B3KE Datasheet
378Kb / 38P
8 Mbit (x16) Multi-Purpose Flash Plus
logo
Microchip Technology
SST39VF6401B MICROCHIP-SST39VF6401B Datasheet
530Kb / 36P
64 Mbit (x16) Multi-Purpose Flash Plus
08/15
SST38VF6401 MICROCHIP-SST38VF6401 Datasheet
793Kb / 64P
64 Mbit (x16) Advanced Multi-Purpose Flash Plus
08/15
SST38VF6401 MICROCHIP-SST38VF6401_V01 Datasheet
7Mb / 66P
64 Mbit (x16) Advanced Multi-Purpose Flash Plus
Revision D Sept 2018
SST39VF6401B MICROCHIP-SST39VF6401B_V01 Datasheet
4Mb / 38P
64 Mbit (x16) Multi-Purpose Flash Plus
Revision C May 2018
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com