Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1270AMAVRCTR Datasheet(PDF) 22 Page - Microchip Technology

Part # TC1270AMAVRCTR
Description  Voltage Supervisor with Manual Reset Input
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1270AMAVRCTR Datasheet(HTML) 22 Page - Microchip Technology

Back Button TC1270AMAVRCTR Datasheet HTML 18Page - Microchip Technology TC1270AMAVRCTR Datasheet HTML 19Page - Microchip Technology TC1270AMAVRCTR Datasheet HTML 20Page - Microchip Technology TC1270AMAVRCTR Datasheet HTML 21Page - Microchip Technology TC1270AMAVRCTR Datasheet HTML 22Page - Microchip Technology TC1270AMAVRCTR Datasheet HTML 23Page - Microchip Technology TC1270AMAVRCTR Datasheet HTML 24Page - Microchip Technology TC1270AMAVRCTR Datasheet HTML 25Page - Microchip Technology TC1270AMAVRCTR Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
TC1270A/70AN/71A
DS20002035F-page 22
 2007-2022 Microchip Technology Inc. and its subsidiaries
5.0
APPLICATION INFORMATION
This section presents application-related information
that may be useful for your particular design require-
ments.
5.1
Supply Monitor Noise Sensitivity
The TC127XA devices are optimized for fast responses
to negative-going changes in VDD. A system with an
inordinate amount of electrical noise on VDD (such as a
system using relays) may require a 0.01 µF or 0.1 µF
bypass capacitor to reduce detection sensitivity. This
capacitor should be installed as close to the TC127XA
as possible to keep the capacitor lead length short.
FIGURE 5-1:
Typical Application Circuit
with Bypass Capacitor.
5.2
Conventional Voltage Monitoring
Figure 5-2 and Figure 5-3 show the TC127XA in
conventional voltage monitoring applications.
FIGURE 5-2:
Battery Voltage Monitor.
FIGURE 5-3:
Power Good Monitor.
5.3
Using in PIC® Microcontroller,
ICSP™ Applications
Figure 5-4 shows the typical application circuit for using
the TC1270AN for voltage supervisory function when
the PIC microcontroller will be programmed via the
In-Circuit Serial Programming™ (ICSP™) feature.
Additional information is available in the Microchip
Technical Brief TB087, “Using Voltage Supervisors with
PICmicro® Microcontroller Systems which Implement
In-Circuit Serial Programming™” (DS91087).
FIGURE 5-4:
Typical Application Circuit
for PIC Microcontroller with the ICSP Feature.
TC127XA
VDD
RST
VSS
0.1 µF
RST
MR
VDD
RST
VSS
BATLOW
TC127XA
+
––
VDD
RST
VSS
Power Good
TC127XA
+
–
Pwr
Sply
Note:
This operation can only be done using the
device that has an Open-Drain RST pin
(TC1270AN).
Note:
It is recommended that the current into the
RST pin is current that is limited by a 1 k
resistor.
TC1270AN
VDD
VDD/VPP
VDD
RST
MCLR
Reset input)
(Active-Low)
VSS
VSS
PIC®
Microcontroller
RPU
0.1 µF
1k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com