Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1270AMAVRCTR Datasheet(PDF) 23 Page - Microchip Technology

Part # TC1270AMAVRCTR
Description  Voltage Supervisor with Manual Reset Input
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1270AMAVRCTR Datasheet(HTML) 23 Page - Microchip Technology

Back Button TC1270AMAVRCTR Datasheet HTML 19Page - Microchip Technology TC1270AMAVRCTR Datasheet HTML 20Page - Microchip Technology TC1270AMAVRCTR Datasheet HTML 21Page - Microchip Technology TC1270AMAVRCTR Datasheet HTML 22Page - Microchip Technology TC1270AMAVRCTR Datasheet HTML 23Page - Microchip Technology TC1270AMAVRCTR Datasheet HTML 24Page - Microchip Technology TC1270AMAVRCTR Datasheet HTML 25Page - Microchip Technology TC1270AMAVRCTR Datasheet HTML 26Page - Microchip Technology TC1270AMAVRCTR Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
 2007-2022 Microchip Technology Inc. and its subsidiaries
DS20002035F-page 23
TC1270A/70AN/71A
5.4
Modifying The Trip Point, VTRIP
Although the TC127XA device has a fixed voltage trip
point (VTRIP), it can be necessary to make custom
adjustments. This is accomplished by connecting an
external resistor divider to the TC127XA VDD pin. This
causes the VSOURCE voltage to be higher than it is
when the TC127XA input equals its VTRIP voltage
(Figure 5-5).
To maintain detector accuracy, the bleeder current
through the divider should be significantly higher than
the 15 µA maximum operating current required by the
TC127XA. A reasonable value for this bleeder current
is 1 mA (67 times the 10 µA required by the TC127XA).
For example, if VTRIP = 2V and the desired trip point is
2.5V, the value of R1 + R2 is 2.5 k (2.5V/1 mA). The
value of R1 + R2 can be rounded to the nearest
standard value and plugged into the equation shown in
Figure 5-5 to calculate values for R1 and R2.
1% tolerance resistors are recommended.
FIGURE 5-5:
Modifying Trip-Point using
External Resistor Divider.
5.5
MOSFET Low-Drive Protection
Low operating power and small physical size make the
TC1270AN series ideal for many voltage detector
applications. Figure 5-6 shows a low-voltage gate drive
protection circuit that prevents the logic-level MOSFET
from overheating due to insufficient gate voltage. When
the input signal is below the threshold of the
TC1270AN, its output grounds the gate of the
MOSFET.
FIGURE 5-6:
MOSFET Low-Drive
Protection.
TC127XA
VDD
RST
VSS
R1
VSOURCE
R2
or RST
VSOURCE
R1
R1 R2
+
--------------------
VTRIP
Where:
Note: In this example, VSOURCE must be greater
than VTRIP.
VSOURCE = Voltage to be monitored
VTRIP = Threshold Voltage setting
VDD
RST
VSS
TC1270AN
270
(1)
MTP3055EL
VDD
RL
VTRIP
Note 1: This resistance should be sized appro-
priately for the selected trip point volt-
age related to the VOL operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com