Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB1412L-TN3-B-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 2SB1412L-TN3-B-R
Description  HIGH VOLTAGE SWITCHING TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SB1412L-TN3-B-R Datasheet(HTML) 3 Page - Unisonic Technologies

  2SB1412L-TN3-B-R Datasheet HTML 1Page - Unisonic Technologies 2SB1412L-TN3-B-R Datasheet HTML 2Page - Unisonic Technologies 2SB1412L-TN3-B-R Datasheet HTML 3Page - Unisonic Technologies 2SB1412L-TN3-B-R Datasheet HTML 4Page - Unisonic Technologies 2SB1412L-TN3-B-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SB1412
PNP EPITAXIAL SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R209-021,A
TYPICAL CHARACTERISTICS
0
-0.2
-2
-1m
Base to Emitter Voltage:VBE(V)
Grounded Emitter Propagation
Characteristics
-1m-2m-5m-0.01-0.02
200
20
Collector Current : Ic(A)
DC Current Gain vs.Collector Current (I)
100
-0.4 -0.6 -0.8
-1.4
-1.2
-1.0
-2m
-5m
0
-5
0
Collector to Emitter Voltage:VCE(V)
Grounded Emitter Output
Characteristics
-1
-0.4
-0.8
-1.6
-2.0
-1.2
-2
-3
-4
IB =0mA
Ta=25℃
-10mA
-5mA
-0.05 -0.1-0.2
-0.5 -1
500
5k
Collector-emitter Saturation Voltage
vs.Collector Current (I)
-10m
-30mA
-45mA
-50mA
-15mA
-20mA
-25mA
10
5
-2
-0.2
-0.05
-0.1
-0.5
-0.02
-0.01
Collector Current : Ic(A)
-1
-2
-20m
-50m
-100m
-200m
-500m
-1
-5
-10
VCE = -2V
Ta=25℃
Ta=100℃
Ta= -25℃
-40mA
-35mA
-5 -10
50
1k
2k
VcE= -5V
VcE= -2V
VcE= -1V
Ta=25℃
-1m-2m-5m-0.01-0.02
200
20
Collector Current : Ic(A)
DC Current Gain vs.Collector
Current(II)
100
-0.05 -0.1-0.2
-0.5 -1
500
5k
10
5
-2 -5 -10
50
1k
2k
VcE= -1V
Ta=100℃
-1m-2m-5m-0.01-0.02
200
20
Collector Current : Ic(A)
DC Current Gain vs.Collector Current (III)
100
-0.05 -0.1-0.2
-0.5 -1
500
5k
10
5
-2 -5 -10
50
1k
2k
VcE= -2V
Ta=25℃
Ta=25℃
Ta= -25℃
Ta=100℃
Ta= -25℃
-2m -5m-0.01-0.02-0.05 -0.1
-0.5 -1 -2 -5 -10
-0.2
-5
Ta=25℃
Ic/IB=50/1
40/1
30/1
10/1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com