Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB1412L-TN3-B-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 2SB1412L-TN3-B-R
Description  HIGH VOLTAGE SWITCHING TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SB1412L-TN3-B-R Datasheet(HTML) 4 Page - Unisonic Technologies

  2SB1412L-TN3-B-R Datasheet HTML 1Page - Unisonic Technologies 2SB1412L-TN3-B-R Datasheet HTML 2Page - Unisonic Technologies 2SB1412L-TN3-B-R Datasheet HTML 3Page - Unisonic Technologies 2SB1412L-TN3-B-R Datasheet HTML 4Page - Unisonic Technologies 2SB1412L-TN3-B-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2SB1412
PNP EPITAXIAL SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R209-021,A
TYPICAL CHARACTERISTICS(Cont.)
Collector Output Capacitance
vs.Collector-Base Voltage
100
50
20
10
Collector to Base Voltage:VCB (V)
200
500
12
5
10 20
50
5
Emitter Current : IE(mA)
Gain Bandwidth Product vs.Emitter
Current
20
50 100
500
100
1000
2
1
10
200
500
-0.1 -0.2
-0.5
-5
-1
-2
-20
-10
1000
Collector-emitter Saturation Voltage
vs.Collector Current (II)
-0.2
-0.05
-0.1
-0.5
-0.02
-0.01
Collector Current : Ic(A)
-1
-2
-2m -5m -0.01-0.02-0.05 -0.1
-0.5 -1 -2 -5 -10
-0.2
-5
Ta=100℃
Ic/IB=10
Collector-emitter Saturation Voltage
vs.Collector Current (III)
-0.2
-0.05
-0.1
-0.5
-0.02
-0.01
Collector Current : Ic(A)
-1
-2
-2m
-5m-0.01-0.02-0.05 -0.1
-0.5 -1 -2 -5 -10
-0.2
-5
Ta= -25℃
Ta=25℃
Ic/IB=30
Ta=100℃
Ta= -25℃
Ta=25℃
Collector-emitter Saturation Voltage
vs.Collector Current (IV)
-0.2
-0.05
-0.1
-0.5
-0.02
-0.01
Collector Current : Ic(A)
-1
-2
-2m -5m -0.01-0.02-0.05 -0.1
-0.5 -1 -2 -5 -10
-0.2
-5
Ta=100℃
Ic/IB=40
Collector-emitter Saturation Voltage
vs.Collector Current (V)
-0.2
-0.05
-0.1
-0.5
-0.02
-0.01
Collector Current : Ic(A)
-1
-2
-2m
-5m-0.01-0.02-0.05 -0.1
-0.5 -1 -2 -5 -10
-0.2
-5
Ta= -25℃
Ta=25℃
Ic/IB=50
Ta=100℃
Ta= -25℃
Ta=25℃
200
1000
VcE= -6V
Ta=25℃
Ta=25℃
f =1MHz
IE=0A
-50



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com