Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM158AFKB Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LM158AFKB
Description  Industry-Standard Dual Operational Amplifiers
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM158AFKB Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM158AFKB Datasheet HTML 12Page - Texas Instruments LM158AFKB Datasheet HTML 13Page - Texas Instruments LM158AFKB Datasheet HTML 14Page - Texas Instruments LM158AFKB Datasheet HTML 15Page - Texas Instruments LM158AFKB Datasheet HTML 16Page - Texas Instruments LM158AFKB Datasheet HTML 17Page - Texas Instruments LM158AFKB Datasheet HTML 18Page - Texas Instruments LM158AFKB Datasheet HTML 19Page - Texas Instruments LM158AFKB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 62 page
background image
6.11 Typical Characteristics: LM358B and LM2904B
This typical characteristics section is applicable for LM358B and LM2904B. Typical characteristics data in this section was
taken with TA = 25°C, VS = 36 V (±18 V), VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2 (unless otherwise noted).
Offset Voltage (µV)
-1800
-1200
-600
0
600
1200
1800
0
2
4
6
8
10
12
14
16
18
20
DC11
Figure 6-1. Offset Voltage Production Distribution
Offset Voltage Drift (µV/°C)
0
0.25 0.5 0.75
1
1.25 1.5 1.75
2
2.25 2.5 2.75
0
3
6
9
12
15
18
21
24
27
30
DC12
Figure 6-2. Offset Voltage Drift Distribution
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
-750
-450
-150
150
450
750
DC10
Figure 6-3. Offset Voltage vs Temperature
Common-Mode Voltage (V)
-18
-12
-6
0
6
12
17
-500
-300
-100
100
300
500
DC10
Figure 6-4. Offset Voltage vs Common-Mode Voltage
Frequency (Hz)
-20
-10
-10
0
0
10
10
20
20
30
30
40
40
50
50
60
60
70
70
80
80
90
90
100
1k
10k
100k
1M
D012
Gain (dB)
Phase (°)
Figure 6-5. Open-Loop Gain and Phase vs Frequency
Frequency (Hz)
-30
-20
-10
0
10
20
30
40
50
60
70
1k
10k
100k
1M
D017
G = 1
G = 10
G = 100
G = 1000
G = –1
Figure 6-6. Closed-Loop Gain vs Frequency
LM158, LM158A, LM258, LM258A
LM2904, LM2904B, LM2904BA, LM2904V
LM358, LM358A, LM358B, LM358BA
SLOS068AA – JUNE 1976 – REVISED MARCH 2022
www.ti.com
16
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LM158 LM158A LM258 LM258A LM2904 LM2904B LM2904BA LM2904V LM358
LM358A LM358B LM358BA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com