Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM158AFKB Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # LM158AFKB
Description  Industry-Standard Dual Operational Amplifiers
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM158AFKB Datasheet(HTML) 34 Page - Texas Instruments

Back Button LM158AFKB Datasheet HTML 30Page - Texas Instruments LM158AFKB Datasheet HTML 31Page - Texas Instruments LM158AFKB Datasheet HTML 32Page - Texas Instruments LM158AFKB Datasheet HTML 33Page - Texas Instruments LM158AFKB Datasheet HTML 34Page - Texas Instruments LM158AFKB Datasheet HTML 35Page - Texas Instruments LM158AFKB Datasheet HTML 36Page - Texas Instruments LM158AFKB Datasheet HTML 37Page - Texas Instruments LM158AFKB Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 62 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
27-Sep-2023
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead finish/
Ball material
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
LM258DGKR
ACTIVE
VSSOP
DGK
8
2500
RoHS & Green
NIPDAU | SN
| NIPDAUAG
Level-1-260C-UNLIM
-25 to 85
(M2L, M2P, M2S, M2
U)
Samples
LM258DR
ACTIVE
SOIC
D
8
2500
RoHS & Green
NIPDAU | SN
Level-1-260C-UNLIM
-25 to 85
LM258
Samples
LM258DRG3
LIFEBUY
SOIC
D
8
2500
RoHS & Green
SN
Level-1-260C-UNLIM
-25 to 85
LM258
LM258DRG4
ACTIVE
SOIC
D
8
2500
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-25 to 85
LM258
Samples
LM258P
ACTIVE
PDIP
P
8
50
RoHS & Green
NIPDAU | SN
N / A for Pkg Type
-25 to 85
LM258P
Samples
LM258PE4
ACTIVE
PDIP
P
8
50
RoHS & Green
NIPDAU
N / A for Pkg Type
-25 to 85
LM258P
Samples
LM2904AVQDR
ACTIVE
SOIC
D
8
2500
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 125
L2904AV
Samples
LM2904AVQDRG4
ACTIVE
SOIC
D
8
2500
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 125
L2904AV
Samples
LM2904AVQPWR
ACTIVE
TSSOP
PW
8
2000
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 125
L2904AV
Samples
LM2904AVQPWRG4
ACTIVE
TSSOP
PW
8
2000
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 125
L2904AV
Samples
LM2904BAIDDFR
ACTIVE
SOT-23-THIN
DDF
8
3000
RoHS & Green
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
2904A
Samples
LM2904BAIDGKR
ACTIVE
VSSOP
DGK
8
2500
RoHS & Green
SN
Level-1-260C-UNLIM
-40 to 125
28CB
Samples
LM2904BAIDR
ACTIVE
SOIC
D
8
2500
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 125
2904BA
Samples
LM2904BAIPWR
ACTIVE
TSSOP
PW
8
2000
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 125
2904BA
Samples
LM2904BIDDFR
ACTIVE
SOT-23-THIN
DDF
8
3000
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 125
L2904
Samples
LM2904BIDGKR
ACTIVE
VSSOP
DGK
8
2500
RoHS & Green
SN
Level-1-260C-UNLIM
-40 to 125
28BB
Samples
LM2904BIDR
ACTIVE
SOIC
D
8
2500
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 125
L2904B
Samples
LM2904BIPWR
ACTIVE
TSSOP
PW
8
2000
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 125
L2904B
Samples
LM2904DE4
NRND
75
TBD
Call TI
Call TI
-40 to 125
LM2904DGKR
ACTIVE
VSSOP
DGK
8
2500
RoHS & Green
NIPDAU | SN
| NIPDAUAG
Level-1-260C-UNLIM
-40 to 125
(MBL, MBP, MBS, MB
U)
Samples
LM2904DR
ACTIVE
SOIC
D
8
2500
RoHS & Green
NIPDAU | SN
Level-1-260C-UNLIM
-40 to 125
LM2904
Samples
LM2904DRE4
LIFEBUY
SOIC
D
8
2500
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 125
LM2904
Addendum-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com