Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74S1053 Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74S1053
Description  16-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74S1053 Datasheet(HTML) 2 Page - Texas Instruments

  SN74S1053_V01 Datasheet HTML 1Page - Texas Instruments SN74S1053_V01 Datasheet HTML 2Page - Texas Instruments SN74S1053_V01 Datasheet HTML 3Page - Texas Instruments SN74S1053_V01 Datasheet HTML 4Page - Texas Instruments SN74S1053_V01 Datasheet HTML 5Page - Texas Instruments SN74S1053_V01 Datasheet HTML 6Page - Texas Instruments SN74S1053_V01 Datasheet HTML 7Page - Texas Instruments SN74S1053_V01 Datasheet HTML 8Page - Texas Instruments SN74S1053_V01 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
SN74S1053
16-BIT SCHOTTKY BARRIER DIODE
BUS-TERMINATION ARRAY
SDLS017A – SEPTEMBER 1990 – REVISED AUGUST 1997
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Steady-state reverse voltage, VR
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous forward current, IF: Any D terminal from GND or to VCC
50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Total through all GND or VCC terminals
170 mA
. . . . . . . . . . . . . . . . . . . . . . .
Repetitive peak forward current‡, IFRM: Any D terminal from GND or VCC
200 mA
. . . . . . . . . . . . . . . . . . . . .
Total through all GND or VCC terminals
1.2 A
. . . . . . . . . . . . . . . . . .
Continuous total power dissipation at (or below) 25
°C free-air temperature (see Note 1)
625 mW
. . . . . . . . . .
Operating free-air temperature range
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
‡ These values apply for tw ≤ 100 µs, duty cycle ≤ 20%.
NOTE 1: For operation above 25
°C free-air temperature, derate linearly at the rate of 5 m/W/°C.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
single-diode operation (see Note 2)
PARAMETER
TEST CONDITIONS
MIN
TYP§
MAX
UNIT
To VCC
IF = 18 mA
0.85
1.05
VF
Static forward voltage
To VCC
IF = 50 mA
1.05
1.3
V
VF
Static forward voltage
From GND
IF = 18 mA
0.75
0.95
V
From GND
IF = 50 mA
0.95
1.2
VFM
Peak forward voltage
IF = 200 mA
1.45
V
IR
Static reverse current
To VCC
VR =7V
5
µA
IR
Static reverse current
From GND
VR = 7 V
5
µA
Ct
Total capacitance
VR = 0 V,
f = 1 MHz
8
16
pF
Ct
Total capacitance
VR = 2 V,
f = 1 MHz
4
8
pF
§ All typical values are at VCC = 5 V, TA = 25°C.
NOTE 2: Test conditions and limits apply separately to each of the diodes. The diodes not under test are open-circuited during the measurement
of these characteristics.
multiple-diode operation
PARAMETER
TEST CONDITIONS
MIN
TYP‡
MAX
UNIT
I
Internal crosstalk current
Total IF current = 1 A,
See Note 3
0.8
2
mA
Ix
Internal crosstalk current
Total IF current = 198 mA,
See Note 3
0.02
0.2
mA
§ All typical values are at VCC = 5 V, TA = 25°C.
NOTE 3: Ix is measured under the following conditions with one diode static, and all others switching:
Switching diodes: tw = 100 µs, duty cycle = 20%
Static diode: VR = 5 V
The static diode input current is the internal crosstalk current Ix.
switching characteristics, TA = 25°C (see Figures 1 and 2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
trr
Reverse recovery time
IF = 10 mA, IRM(REC) = 10 mA,
IR(REC) = 1 mA,
RL = 100 Ω
8
16
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com