Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74S1053 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74S1053
Description  16-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74S1053 Datasheet(HTML) 1 Page - Texas Instruments

  SN74S1053_V01 Datasheet HTML 1Page - Texas Instruments SN74S1053_V01 Datasheet HTML 2Page - Texas Instruments SN74S1053_V01 Datasheet HTML 3Page - Texas Instruments SN74S1053_V01 Datasheet HTML 4Page - Texas Instruments SN74S1053_V01 Datasheet HTML 5Page - Texas Instruments SN74S1053_V01 Datasheet HTML 6Page - Texas Instruments SN74S1053_V01 Datasheet HTML 7Page - Texas Instruments SN74S1053_V01 Datasheet HTML 8Page - Texas Instruments SN74S1053_V01 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
SN74S1053
16-BIT SCHOTTKY BARRIER DIODE
BUS-TERMINATION ARRAY
SDLS017A – SEPTEMBER 1990 – REVISED AUGUST 1997
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Designed to Reduce Reflection Noise
D Repetitive Peak Forward Current to 200 mA
D 16-Bit Array Structure Suited for
Bus-Oriented Systems
D Package Options Include Plastic
Small-Outline Packages and Standard
Plastic 300-mil DIPs
description
This Schottky barrier diode bus-termination array
is designed to reduce reflection noise on memory
bus lines. This device consists of a 16-bit
high-speed Schottky diode array suitable for
clamping to VCC and/or GND.
The SN74S1053 is characterized for operation
from 0
°C to 70°C.
schematic diagrams
D01
2
D02
3
D03
4
D04
5
D05
6
D06
7
D07
8
D08
9
D09
12
D10
13
D11
14
D12
15
D13
16
D14
17
D15
18
D16
19
10
GND
11
GND
VCC
1
VCC
20
Copyright
© 1997, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
VCC
D01
D02
D03
D04
D05
D06
D07
D08
GND
VCC
D16
D15
D14
D13
D12
D11
D10
D09
GND
DW OR N PACKAGE
(TOP VIEW)


Similar Part No. - SN74S1053_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74S1053DBR TI-SN74S1053DBR Datasheet
993Kb / 18P
16-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74S1053DBR TI1-SN74S1053DBR Datasheet
993Kb / 18P
16-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74S1053DBR TI2-SN74S1053DBR Datasheet
959Kb / 23P
16-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
REVISED AUGUST 1997
SN74S1053DBR.A TI2-SN74S1053DBR.A Datasheet
959Kb / 23P
16-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
REVISED AUGUST 1997
SN74S1053DBRE4 TI1-SN74S1053DBRE4 Datasheet
993Kb / 18P
16-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
More results

Similar Description - SN74S1053_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74F1016 TI-SN74F1016 Datasheet
84Kb / 5P
16-BIT SCHOTTKY BARRIER DIODE R-C BUS-TERMINATION ARRAY
SN74F1056 TI-SN74F1056 Datasheet
75Kb / 5P
8-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74S1050 TI-SN74S1050 Datasheet
246Kb / 7P
12-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74S1051 TI-SN74S1051 Datasheet
342Kb / 13P
12-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74S1052 TI-SN74S1052 Datasheet
247Kb / 7P
16-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74S1053 TI-SN74S1053 Datasheet
91Kb / 7P
16-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74S1053DBR TI-SN74S1053DBR Datasheet
993Kb / 18P
16-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74S1053NSR TI1-SN74S1053NSR Datasheet
993Kb / 18P
16-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74F1056 TI1-SN74F1056_15 Datasheet
344Kb / 11P
8-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74F1016 TI1-SN74F1016_V01 Datasheet
14Mb / 292P
16-Bit Schottky Barrier Diode R-C Bus-Termination Array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com