Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LS240DB Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74LS240DB
Description  SNx4LS24x, SNx4S24x Octal Buffers and Line Drivers With 3-State Outputs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LS240DB Datasheet(HTML) 5 Page - Texas Instruments

  SN74LS240DB Datasheet HTML 1Page - Texas Instruments SN74LS240DB Datasheet HTML 2Page - Texas Instruments SN74LS240DB Datasheet HTML 3Page - Texas Instruments SN74LS240DB Datasheet HTML 4Page - Texas Instruments SN74LS240DB Datasheet HTML 5Page - Texas Instruments SN74LS240DB Datasheet HTML 6Page - Texas Instruments SN74LS240DB Datasheet HTML 7Page - Texas Instruments SN74LS240DB Datasheet HTML 8Page - Texas Instruments SN74LS240DB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
5
SN54LS240, SN54LS241, SN54LS244, SN54S240, SN54S241, SN54S244
SN74LS240, SN74LS241, SN74LS244, SN74S240, SN74S241, SN74S244
www.ti.com
SDLS144D – APRIL 1985 – REVISED OCTOBER 2016
Product Folder Links: SN54LS240 SN54LS241 SN54LS244 SN54S240 SN54S241 SN54S244 SN74LS240
SN74LS241 SN74LS244 SN74S240 SN74S241 SN74S244
Submit Documentation Feedback
Copyright © 1985–2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
(2)
Voltage values are with respect to network ground terminal.
(3)
The package thermal impedance is calculated in accordance with JESD 51-7.
6.4 Thermal Information
THERMAL METRIC(1)
SN74LS240,
SN74LS244
SN74LS24x, SN74S24x
SN74LS24x
UNIT
DB (SSOP)
DW (SOIC)
N (PDIP)
NS (SOP)
20 PINS
20 PINS
20 PINS
20 PINS
RθJA
Junction-to-ambient thermal resistance(2)(3)
94.3
90.3
50.6
76.6
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
55.9
45.5
37.4
42.9
°C/W
RθJB
Junction-to-board thermal resistance
49.5
48.1
31.5
44.1
°C/W
ψJT
Junction-to-top characterization parameter
21.3
19.4
24
19.2
°C/W
ψJB
Junction-to-board characterization parameter
49.1
47.6
31.4
43.7
°C/W
(1)
For conditions shown as minimum or maximum, use the appropriate value specified under recommended operating conditions.
(2)
All typical values are at VCC = 5 V and TA = 25°C.
(3)
Not more than one output must be shorted at a time, and duration of the short-circuit must not exceed one second.
6.5 Electrical Characteristics – SNx4LS24x
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP(2)
MAX
UNIT
VIK
VCC = MIN, II = –18 mA
–1.5
V
Hysteresis
(VT+ − VT−)
VCC = MIN
0.2
0.4
V
VOH
VCC = MIN, IOH = –3 mA, VIH = 2 V, VIL = MAX
2.4
3.4
V
VCC = MIN, IOH = MAX, VIH = 2 V, VIL = 0.5 V
2
VOL
VCC = MIN, VIL = MAX, VIH = 2 V
IOL = 12 mA, SN54LS24x
0.4
V
IOL = 24 mA, SN74LS24x
0.5
IOZH
VCC = MAX, VIL = MAX, VIH = 2 V, VO = 2.7 V
20
µA
IOZL
VCC = MAX, VIL = MAX, VIH = 2 V, VO = 0.4 V
–20
µA
II
VCC = MAX, VI = 7 V
0.1
mA
IIH
VCC = MAX, VI = 2.7 V
20
µA
IIL
VCC = MAX, VIL = 0.4 V
–0.2
mA
IOS
(3)
VCC = MAX
–40
–225
mA
ICC
VCC = MAX, output open
Outputs high
All
17
27
mA
Outputs low
SNx4LS240
26
44
SNx4LS241, SNx4LS244
27
46
Outputs disabled
SNx4LS240
29
50
SNx4LS241, SNx4LS244
32
54
(1)
For conditions shown as minimum or maximum, use the appropriate value specified under recommended operating conditions.
(2)
All typical values are at VCC = 5 V, TA = 25°C.
6.6 Electrical Characteristics – SNx4S24x
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP(2)
MAX
UNIT
VIK
VCC = MIN, II = –18 mA
–1.2
V
Hysteresis
(VT+ − VT−)
VCC = MIN
0.2
0.4
V
VOH
VCC = MIN, IOH = –1 mA, VIH = 2 V, VIL = 0.8 V, SN74S24x only
2.7
V
VCC = MIN, IOH = –3 mA, VIH = 2 V, VIL = 0.8 V
2.4
3.4
VCC = MIN, IOH = MAX, VIH = 2 V, VIL = 0.5 V
2
VOL
VCC = MIN, VIL = MAX, VIH = 2 V, IOL = 0.8 V
0.55
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com