Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LS240DB Datasheet(PDF) 11 Page - Texas Instruments

Part # SN74LS240DB
Description  SNx4LS24x, SNx4S24x Octal Buffers and Line Drivers With 3-State Outputs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LS240DB Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74LS240DB Datasheet HTML 7Page - Texas Instruments SN74LS240DB Datasheet HTML 8Page - Texas Instruments SN74LS240DB Datasheet HTML 9Page - Texas Instruments SN74LS240DB Datasheet HTML 10Page - Texas Instruments SN74LS240DB Datasheet HTML 11Page - Texas Instruments SN74LS240DB Datasheet HTML 12Page - Texas Instruments SN74LS240DB Datasheet HTML 13Page - Texas Instruments SN74LS240DB Datasheet HTML 14Page - Texas Instruments SN74LS240DB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
1
2
4
6
8
19
11
13
15
17
3
5
7
9
12
14
16
18
1A1
1A2
1A3
1A4
1Y1
2A1
2A2
2A3
2A4
2Y1
1Y2
1Y3
1Y4
2Y2
2Y3
2Y4
2G
1G
Copyright © 2016, Texas Instruments Incorporated
1
2
4
6
8
19
11
13
15
17
3
5
7
9
12
14
16
18
1A1
1A2
1A3
1A4
1Y1
2A1
2A2
2A3
2A4
2Y1
1Y2
1Y3
1Y4
2Y2
2Y3
2Y4
2G
1G
Copyright © 2016, Texas Instruments Incorporated
11
SN54LS240, SN54LS241, SN54LS244, SN54S240, SN54S241, SN54S244
SN74LS240, SN74LS241, SN74LS244, SN74S240, SN74S241, SN74S244
www.ti.com
SDLS144D – APRIL 1985 – REVISED OCTOBER 2016
Product Folder Links: SN54LS240 SN54LS241 SN54LS244 SN54S240 SN54S241 SN54S244 SN74LS240
SN74LS241 SN74LS244 SN74S240 SN74S241 SN74S244
Submit Documentation Feedback
Copyright © 1985–2016, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
This device is organized as two 4-bit buffers and drivers with separate output-enable (G) inputs. When G is low,
the device passes data from the A inputs to the Y outputs. When G is high, the outputs are in the high
impedance state. Inputs can be driven from either 3.3-V or 5-V devices. This feature allows the use of this device
as a translator in a mixed 3.3-V and 5-V system environment. To ensure the high-impedance state during power
up or power down, G must be tied to VCC through a pullup resistor; the minimum value of the resistor is
determined by the current-sinking capability of the driver.
8.2 Functional Block Diagrams
Pin numbers shown are for DB, DW, J, N,
NS, and W packages
Figure 16. SNx4LS240 and SNx4S240
Logic Diagram
Pin numbers shown are for DB, DW, J, N,
NS, and W packages
Figure 17. SNx4LS241 and SNx4S241
Logic Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com