Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2482 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SC2482
Description  NPN EPITAXIAL PLANAR TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC2482 Datasheet(HTML) 2 Page - Unisonic Technologies

  2SC2482 Datasheet HTML 1Page - Unisonic Technologies 2SC2482 Datasheet HTML 2Page - Unisonic Technologies 2SC2482 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UTC2SC2482
NPN EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO. LTD
2
QW-R211-015,A
ELECTRICAL CHARACTERISTICS CURVES
Ic-V CE
Collector -Emitter Voltage Vc
E
(V)
04
8
12
0
20
40
60
80
20
100
16
hFE -Ic
Collector Current Ic
(mA)
0.3
1
3
10
30
50
10
100
300
30
500
IB=0.2mA
1
2
3
0.4
Ta=25 ℃
24
120
0.6
4
6
Ta=100 ℃
Common Emitter
Ta=25 ℃
100
Ta=-25 ℃
hFE -Ic
Collector Current Ic
(mA)
0.3
1
3
10
30
50
10
100
300
30
500
100
Common Emitter
Ta=25 ℃
Common Emitter
VCE =10V
V CE=20V
VCE =10V
VCE =5V
Collector Current Ic
(mA)
0.3
1
3
0.05
0.1
0.3
10
1
3
30
5
100
Common Emitter
Ta=25 ℃
IC/IB=10
V CE(sat)-Ic
5
2
Collector Current Ic
(mA)
0.3
1
3
10
30
100
Common Emitter
IC/IB=5
VCE (sat)-Ic
0.5
0.05
0.1
0.3
1
3
5
0.5
Ta=25 ℃
Ta=100 ℃
Ta=-25 ℃
Collector Current Ic
(mA)
0.3
1
3
10
30
100
Common Emitter
Ta=25 ℃
0.1
0.3
1
3
5
0.5
IC/IB=5
V BE(sat)-Ic



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com