Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2482 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 2SC2482
Description  NPN EPITAXIAL PLANAR TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC2482 Datasheet(HTML) 3 Page - Unisonic Technologies

  2SC2482 Datasheet HTML 1Page - Unisonic Technologies 2SC2482 Datasheet HTML 2Page - Unisonic Technologies 2SC2482 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
UTC2SC2482
NPN EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO. LTD
3
QW-R211-015,A
Ic-V BE
Base -Emitter Voltage V BE(V)
0.2
0.4
0.6
0.8
0
20
40
60
1.0
80
Common Emitter
V CE=10 V
Cob-V CB
Collector-Base Voltage
V CB(V)
13
10
1
3
5
30
10
100
30
300
1.2
Ta=-25 ℃
Ta=100 ℃
Ta=25℃
50
IE=0
f=1MHz
Collector-Emitter Voltage V CE(V)
Safe Operating Area
PT=1s
30
3100
2
10
5
30
*Single Nonrepetitive
Pulse Ta=25 ℃
10
300
50
100
300
1ms
10ms*
100ms*
Ic MAX.(PULSED)*
Ic MAX.(CONINUOUS)
Ta=25℃
Curves Must Be Derated
Linearly With Increase In
Temperature
DC Operation
100
fT -Ic
Collector Current Ic
(mA)
0.3
1
3
10
30
50
10
100
300
30
500
100
Common Emitter
Ta=25 ℃
V CE=20V
VCE =10V
V CE=5V
Ta=25 ℃
500ms*
30 μs*
VCEO MAX
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com