Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3468 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SC3468
Description  HIGH VOLTAGE TRANSISTOR FOR VIDEO OUTPUT OF HIGH-DEFINITION CRT DISPLAYS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC3468 Datasheet(HTML) 2 Page - Unisonic Technologies

  2SC3468 Datasheet HTML 1Page - Unisonic Technologies 2SC3468 Datasheet HTML 2Page - Unisonic Technologies 2SC3468 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UTC 2SC3468
NPN EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO., LTD.
2
www.unisonic.com.tw
QW-R208-037,A
CLASSIFICATION of hFE
RANK
C
D
E
F
RANGE
40 ~ 80
60 ~ 120
100 ~ 200
160 ~ 320
TYPICAL CHARACTERS
-2
-4
-9
IC - VCE
0
-6
-12
-18
-7
0
Collector-to-Emitter Voltage, VCE (V)
-1
-3
-5 -6
-8
-10
-2
-4
-8
-10
-14
-16
-20
120μA
100μA
80μA
60μA
40μA
20μA
IB = 0
20
40
90
IC - VCE
0
3
6
9
70
0
Collector-to-Emitter Voltage, VCE (V)
10
30
50 60
80
100
1
2
4
5
7
8
10
60μA
50μA
40μA
30μA
20μA
10μA
IB = 0
25
100
hFE - IC
10
5
2
7
5
Collector Curcuit, Ic (mA)
1.0
3
10
2
2
3
7
100
3
5
1000
fT - IC
Ta = 75℃
VCE = 10V
25℃
-25℃
77
2
5
37
25
100
5
Collector Curcuit, Ic (mA)
1.0
3
10
2
77
2
5
37
10
5
2
7
2
3
7
100
3
5
1000
VCE = 30V
25
100
Cob - VCB
5
2
7
2
5
Collector-to-Base Voltage, VCB (V)
1.0
3
10
2
1.0
3
10
5
3
f = 1MHz
77
2
5
37
7
25
100
Cre - VCB
5
2
7
2
5
Collector-to-Base Voltage, VCB (V)
1.0
3
10
2
1.0
3
10
5
3
f = 1MHz
77
2
5
37
7



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com