Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3468 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 2SC3468
Description  HIGH VOLTAGE TRANSISTOR FOR VIDEO OUTPUT OF HIGH-DEFINITION CRT DISPLAYS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC3468 Datasheet(HTML) 3 Page - Unisonic Technologies

  2SC3468 Datasheet HTML 1Page - Unisonic Technologies 2SC3468 Datasheet HTML 2Page - Unisonic Technologies 2SC3468 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
UTC 2SC3468
NPN EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO., LTD.
3
www.unisonic.com.tw
QW-R208-037,A
25
100
VCE (sat) - IC
5
2
7
5
Collector Current, Ic (mA)
1.0
3
10
2
1.0
3
10
5
77
2
5
37
7
25
100
VBE (sat) - IC
3
7
3
7
5
1.0
3
10
2
1.0
5
2
10
IC / IB = 10
77
2
5
37
5
Collector Current, Ic (mA)
IC / IB = 10
7
5
3
2
0.1
3
0.2
0.4
IC - VBE
0
40
80
100
0
Base-to-Emitter Voltage, VBE (V)
1.0
20
60
120
0.6
0.8
5
3
100
A S O
2
7
5
2
5
10
2
5
10
3
3
100
ICP
77
3
2
5
VCE = 10V
Collector-to-Emitter Voltage, VCE (V)
2
7
3
IC
DC
Op
era
tion
80
60
Pc - Ta
0
0.8
1.0
0
40
160
0.4
1.2
20
100
140
120
0.2
Ambient Temperature, Ta (℃)
0.6
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com