Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3647-AB3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 2SC3647-AB3-R
Description  HIGH-VOLTAGE SWITCHING APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC3647-AB3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  2SC3647-AB3-R Datasheet HTML 1Page - Unisonic Technologies 2SC3647-AB3-R Datasheet HTML 2Page - Unisonic Technologies 2SC3647-AB3-R Datasheet HTML 3Page - Unisonic Technologies 2SC3647-AB3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC3647
NPN EPITAXIAL SILICON TRANSISTOR
UNISONIC TECHNOLOGIES CO., LTD
3
www.unisonic.com.tw
QW-R208-039,A
■
TYPICAL CHARACTERICS
0
1.2
Collector to Emitter Voltage, VCE (V)
0.4
0
24
2.0
1.6
0.8
13
5
50mA
IC -VCE
IB = 0
40mA
30mA
20mA
10mA
5mA
3mA
2mA
1mA
0
0.6
Collector to Emitter Voltage, VCE (V)
0.2
0
20
40
1.0
0.8
0.4
10
30
50
4.5m
A
IC -VCE
IB = 0
4.0mA
3.5mA
3.0mA
2.5mA
2.0mA
0.5mA
1.0mA
1.5mA
0
1.2
Base to Emitter Voltage, VBE (V)
0.4
0
0.4
1.0
2.4
1.6
0.8
0.2
0.8
1.2
IC -VBE
VCE = 5V
3
Collector Current, IC (A)
7
0.1
1.0
1000
100
hFE -IC
0.6
2.0
5
7
2
3
5
7
0.01
2 3
5 7
2
5 7
2 3
3
VCE = 5V
Ta = 75℃
25℃
-25℃
10
Collector Current, IC (A)
7
0.1
1.0
1000
100
VCE (sat) -IC
2
3
5
7
0.01
2 3
5 7
2
5 7
2
3
3
IC/IB = 10
Ta = 75℃ 2
5℃
-25℃
3
Collector to Base Voltage, VCB (V)
7
10
100
100
10
cob -VCB
5
7
2
3
5
7
1.0
2 3
5 7
2
5 7
2
3
F = 1MHz
2
3
5
7



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com