Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3647-AB3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2SC3647-AB3-R
Description  HIGH-VOLTAGE SWITCHING APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC3647-AB3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  2SC3647-AB3-R Datasheet HTML 1Page - Unisonic Technologies 2SC3647-AB3-R Datasheet HTML 2Page - Unisonic Technologies 2SC3647-AB3-R Datasheet HTML 3Page - Unisonic Technologies 2SC3647-AB3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO.,
2SC3647
NPN EPITAXIAL SILICON TRANSISTOR
www.unisonic.com.tw
1
Copyright © 2005 Unisonic Technologies Co.,
QW-R208-039,A
HIGH-VOLTAGE SWITCHING
APPLICATIONS
FEATURES
* Adoption of FBET, MBIT processes
* High breakdown voltage and large current capacity
* Fast switching time
* Very small size marking it easy to provide high - density,
small-sized hybrid ICs
SOT-89
1
*Pb-free plating product number: 2SC3647L
PIN CONFIGURATION
PIN NO.
PIN NAME
1
Emitter
2
Collector
3
Base
ORDERING INFORMATION
Order Number
Normal
Lead free
Package
Packing
2SC3647-AB3-R 2SC3647L-AB3-R
SOT-89
Tape Reel


Similar Part No. - 2SC3647-AB3-R

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC3647-R KEXIN-2SC3647-R Datasheet
1Mb / 3P
NPN Transistors
logo
Shenzhen Luguang Electr...
2SC3647-R LUGUANG-2SC3647-R Datasheet
1Mb / 3P
NPN Transistors
2SC3647-S LUGUANG-2SC3647-S Datasheet
1Mb / 3P
NPN Transistors
logo
Guangdong Kexin Industr...
2SC3647-T KEXIN-2SC3647-T Datasheet
1Mb / 3P
NPN Transistors
logo
Shenzhen Luguang Electr...
2SC3647-T LUGUANG-2SC3647-T Datasheet
1Mb / 3P
NPN Transistors
More results

Similar Description - 2SC3647-AB3-R

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1592 SANYO-2SA1592 Datasheet
128Kb / 4P
High-Voltage Switching Applications
2SA1768 SANYO-2SA1768 Datasheet
120Kb / 4P
High-Voltage Switching Applications
2SA1770 SANYO-2SA1770 Datasheet
116Kb / 4P
High-Voltage Switching Applications
CPH3140 SANYO-CPH3140 Datasheet
47Kb / 4P
High-Voltage Switching Applications
logo
Toshiba Semiconductor
1SS403 TOSHIBA-1SS403_07 Datasheet
179Kb / 4P
High Voltage Switching Applications
2SA1972 TOSHIBA-2SA1972_07 Datasheet
150Kb / 4P
High-Voltage Switching Applications
logo
Guangdong Kexin Industr...
2SA1419 KEXIN-2SA1419 Datasheet
511Kb / 3P
High-Voltage Switching Applications
2SA1415 KEXIN-2SA1415 Datasheet
412Kb / 3P
High-Voltage Switching Applications
2SA1416 KEXIN-2SA1416 Datasheet
509Kb / 3P
High-Voltage Switching Applications
2SC4135 KEXIN-2SC4135 Datasheet
45Kb / 2P
High-Voltage Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com