Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5305 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SC5305
Description  HIGH VOLTAGE HIGH SPEED POWER SWITCHING TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC5305 Datasheet(HTML) 2 Page - Unisonic Technologies

  2SC5305 Datasheet HTML 1Page - Unisonic Technologies 2SC5305 Datasheet HTML 2Page - Unisonic Technologies 2SC5305 Datasheet HTML 3Page - Unisonic Technologies 2SC5305 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UTC2SC5305
NPN EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO., LTD.
2
www.unisonic.com.tw
QW-R203-028,A
ELECTRICAL CHARACTERISTICS
(TC=25℃, unless otherwise noted.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector-Base Breakdown Voltage
BVCBO
IC = 1mA, IE = 0
800
V
Collector-Emitter Breakdown Voltage
BVCEO
IC = 5mA, IB = 0
400
V
Emitter Cut-off Current
BVEBO
IE=1mA, IC=0
12
V
Collector Cut-off Current
ICBO
VCB=500V, IE=0
10
µA
Emitter Cut-off Current
IEBO
VEB = 9V, IC = 0
10
µA
DC Current Gain
hFE1
hFE2
VCE=1V, IC=0.8A
VCE=1V,IC=2A
22
8
Collector-Emitter Saturation Voltage
VCE (sat)
IC=0.8A, IB=0.08A
IC=2A, IB=0.4A
0.4
0.5
V
Base-Emitter Saturation Voltage
VBE (sat)
IC=0.8A, IB=0.08A
IC=2A, IB=0.4A
1.0
1.0
V
Output Capacitance
Cob
VCB = 10V, f=1MHz
75
pF
Turn ON Time
tON
150
ns
Storage Time
tSTG
2
µs
Fall Time
tF
VCC=300V, IC =2A
IB1 = 0.4A, IB2=-1A
RL = 150Ω
0.2
µs
Storage Time
tSTG
2.25
µs
Fall Time
tF
VCC=15V,VZ=300V
IC = 2A,IB1 = 0.4A
IB2 = -0.4A, LC=200µH
150
ns
Diode Forward Voltage
VF
IF = 1A
IF = 2A
1.5
1.6
V
Reverse recovery time*
(di/dt =10A/µs)
trr
IF = 0.4A
IF = 1A
IF = 2A
800
1.4
1.9
ns
µs
µs
*Pulse Test : Pulse Width=5mS, Duty cycles≦10%
Static Characteristic
DC current Gain
0
0
COLLECTOR-EMITTER VOLTAGE, V CE (V)
3
7
3
10
5
4
1
9
8
6
5
4
2
1
2
IB = 500mA
IB = 450mA
IB = 400mA
IB = 350mA
IB = 300mA
IB = 250mA
IB = 200mA
IB = 150mA
IB = 100mA
IB = 50mA
0.01
1
COLLECTOR CURRENT, I C (A)
0.1
1
10
10
100
Ta = 125℃
VCE = 1V
-25℃
25℃
IB = 0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com