Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5305 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 2SC5305
Description  HIGH VOLTAGE HIGH SPEED POWER SWITCHING TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC5305 Datasheet(HTML) 3 Page - Unisonic Technologies

  2SC5305 Datasheet HTML 1Page - Unisonic Technologies 2SC5305 Datasheet HTML 2Page - Unisonic Technologies 2SC5305 Datasheet HTML 3Page - Unisonic Technologies 2SC5305 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UTC2SC5305
NPN EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO., LTD.
3
www.unisonic.com.tw
QW-R203-028,A
DC current Gain
Collector-Emitter Saturation Voltage
Base-Emitter Saturation Voltage
0.01
0.01
COLLECTOR CURRENT, I C (A)
0.1
1
0.1
10
10
IC = 10 IB
VBE(sat)
0.01
1
COLLECTOR CURRENT, I C (A)
0.1
1
10
10
100
Ta = 125℃
VCE = 5V
-20℃
25℃
VCE(sat)
1
Collector-Emitter Saturation Voltage
Base-Emitter Saturation Voltage
0.01
0.1
COLLECTOR CURRENT, IC (A)
0.1
1
10
10
Ta = 125℃
IC = 5IB
0.01
0.01
COLLECTOR CURRENT, IC (A)
0.1
1
0.1
10
100
Ta = 125℃
-20℃
25℃
1
1
IC = 5IB
25℃
-20℃
Switching Time
Collector Output Capacitance
1
1
COLLECTOR-BASE VOLTAGE, V CB (V)
10
100
1000
0.1
0.01
COLLECTOR CURRENT, I C (A)
1
0.1
10
10
tF
tSTG
10
1
VCC = 300V
IC = 5IB1 = -2.5IB2
100
f = 1MHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com