Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T80 Datasheet(PDF) 20 Page - STMicroelectronics

Part # M41T80
Description  Serial access Real Time Clock with alarm
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T80 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M41T80 Datasheet HTML 16Page - STMicroelectronics M41T80 Datasheet HTML 17Page - STMicroelectronics M41T80 Datasheet HTML 18Page - STMicroelectronics M41T80 Datasheet HTML 19Page - STMicroelectronics M41T80 Datasheet HTML 20Page - STMicroelectronics M41T80 Datasheet HTML 21Page - STMicroelectronics M41T80 Datasheet HTML 22Page - STMicroelectronics M41T80 Datasheet HTML 23Page - STMicroelectronics M41T80 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
DC and AC parameters
M41T80
20/25
Table 10.
DC characteristics
Symbol
Parameter
Test condition(1)
1. Valid for Ambient Operating Temperature: TA = –40 to 85°C; VCC = 2.0 to 5.5V (except where noted).
Min
Typ
Max
Unit
ILI
Input leakage current
0V
≤V
IN ≤VCC
±1
µA
ILO
Output leakage current
0V
≤V
OUT ≤VCC
±1
µA
ICC1
Supply current
Switch freq (SCL) = 400kHz
3.0V
30
µA
5.5V
200
µA
ICC2
(2)
2. At 25°C.
Supply current
(standby)
All inputs = VCC – 0.2V
Switch freq (SCL) = 0Hz
32KE = 1
or
SQWE = 1
3.0V
1.8
3.0
µA
5.5V
35
µA
32KE = 0
and
SQWE = 0
3.0V
1.5
2.4
µA
5.5V
31
µA
VIL
Input low voltage
–0.3
0.3VCC
V
VIH
Input high voltage
0.7VCC
VCC + 0.3
V
VOL
Output low voltage
IOL = 3.0mA
0.4
V
Output low voltage
(open drain)(3)
3. For IRQ/FT/OUT, RST, and 32kHz pins (Open Drain)
IOL = 10mA
0.4
V
Pull-up supply voltage
(open drain)
IRQ/out/SQW, F32k
5.5
V
Table 11.
Crystal electrical characteristics
Sym
Parameter(1) (2)
1.
Externally supplied if using the SO8 package. STMicroelectronics recommends the KDS DT-38: 1TA/1TC252E127, Tuning
Fork Type (thru-hole) or the DMX-26S: 1TJS125FH2A212, (SMD) quartz crystal for industrial temperature operations. KDS
can be contacted at kouhou@kdsj.co.jp or http://www.kdsj.co.jp for further information on this crystal type.
2.
Load capacitors are integrated within the M41T80. Circuit board layout considerations for the 32.768kHz crystal of
minimum trace lengths and isolation from RF generating signals should be taken into account.
Min
Typ
Max
Units
fO
Resonant frequency
32.768
kHz
RS
Series resistance
60
k
Ω
CL
Load capacitance
12.5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com