Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T80 Datasheet(PDF) 5 Page - STMicroelectronics

Part # M41T80
Description  Serial access Real Time Clock with alarm
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T80 Datasheet(HTML) 5 Page - STMicroelectronics

  M41T80 Datasheet HTML 1Page - STMicroelectronics M41T80 Datasheet HTML 2Page - STMicroelectronics M41T80 Datasheet HTML 3Page - STMicroelectronics M41T80 Datasheet HTML 4Page - STMicroelectronics M41T80 Datasheet HTML 5Page - STMicroelectronics M41T80 Datasheet HTML 6Page - STMicroelectronics M41T80 Datasheet HTML 7Page - STMicroelectronics M41T80 Datasheet HTML 8Page - STMicroelectronics M41T80 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
M41T80
Summary description
5/25
1
Summary description
The M41T80 is a low power Serial RTC with a built-in 32.768kHz oscillator (external crystal
controlled). Eight registers (see Table 3: Clock register map on page 14) are used for the
clock/calendar function and are configured in binary coded decimal (BCD) format. An
additional 12 registers provide status/control of Alarm, 32kHz output, and Square Wave
functions. Addresses and data are transferred serially via a two line, bi-directional I2C
interface. The built-in address register is incremented automatically after each WRITE or
READ data byte.
Functions available to the user include a time-of-day clock/calendar, Alarm interrupts, 32kHz
output, and programmable Square Wave output. The eight clock address locations contain
the century, year, month, date, day, hour, minute, second and tenths/hundredths of a second
in 24 hour BCD format. Corrections for 28, 29 (leap year - valid until year 2100), 30 and 31
day months are made automatically.
The M41T80 is supplied in an 8-pin SOIC.
Figure 1.
Logic diagram
Table 1.
Signal names
XI
Oscillator input
XO
Oscillator output
IRQ/OUT/SQW
Interrupt / output driver / square wave (open drain)
SDA
Serial data input/output
SCL
Serial clock input
F32k
32kHz square wave output (open drain)
VCC
Supply voltage
VSS
Ground
SCL
VCC
M41T80
VSS
SDA
F32k
IRQ/OUT/SQW
XI
XO
AI07005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com