Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BT151 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # BT151
Description  BT151
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BT151 Datasheet(HTML) 2 Page - Unisonic Technologies

  BT151 Datasheet HTML 1Page - Unisonic Technologies BT151 Datasheet HTML 2Page - Unisonic Technologies BT151 Datasheet HTML 3Page - Unisonic Technologies BT151 Datasheet HTML 4Page - Unisonic Technologies BT151 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
UTC BT151
SCR
UTC UNISONIC TECHNOLOGIES CO., LTD. 2
QW-R301-007,B
THERMAL RESISTANCES
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Thermal resistance Junction to mounting base
Rth j-mb
1.3
K/W
Thermal resistance Junction to ambient
In free air
Rth j-a
60
K/W
STATIC CHARACTERISTICS(Tj=25°C,unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Gate trigger current
IGT
VD = 12 V; IT = 0.1 A
2
15
mA
Latching current
IL
VD = 12 V; IGT = 0.1 A
10
40
mA
Holding current
IH
VD = 12 V; IGT = 0.1 A
7
20
mA
On-state voltage
VT
IT = 23 A
1.4
1.75
V
Gate trigger voltage
VGT
VD = 12 V; IT = 0.1 A
VD = VDRM(max) ; IT = 0.1 A; Tj = 125 °C
0.25
0.6
0.4
1.5
V
Off-state leakage current
ID , IR
VD = VDRM(max) ; VR = VRRM(max) ;
Tj = 125 °C
0.1
0.5
mA
DYNAMIC CHARACTERISTICS(Tj=25°C,unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNIT
Critical rate of rise of
off-state voltage
dVD /dt
VDM = 67% VDRM(max) ; Tj = 125 °C;
exponential waveform;
Gate open circuit
RGK = 100Ω
50
200
130
1000
V/µs
Gate controlled turn-on
time
tgt
ITM = 40 A; VD = VDRM(max) ; IG = 0.1 A;
dIG /dt = 5 A/µs
2
µs
Circuit commutated
Turn-off time
tq
VD = 67% VDRM(max) ; Tj = 125 °C;
ITM = 20 A; VR = 25 V; dITM /dt = 30 A/μs;
dVD /dt = 50 V/μs; RGK = 100 Ω
70
µs



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com