Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BT151 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # BT151
Description  BT151
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BT151 Datasheet(HTML) 1 Page - Unisonic Technologies

  BT151 Datasheet HTML 1Page - Unisonic Technologies BT151 Datasheet HTML 2Page - Unisonic Technologies BT151 Datasheet HTML 3Page - Unisonic Technologies BT151 Datasheet HTML 4Page - Unisonic Technologies BT151 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UTC BT151
SCR
UTC UNISONIC TECHNOLOGIES CO., LTD. 1
QW-R301-007,B
SCRs
DESCRIPTION
Passivated thyristors in a plastic envelope, intended for use in
applications requiring high bidirectional blocking voltage
capability and high thermal cycling performance. Typical
applications include motor control, industrial and domestic
lighting, heating and static switching.
SYMBOL
K
A
G
TO-220
1
1: CATHODE
2: ANODE
3: GATE
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
RATING
UNIT
Repetitive peak off-state voltages
BT151-500
BT151-650
BT151-800
VDRM , VRRM
500*
650*
800
V
Average on-state current
(half sine wave; Tmb ≤109 °C)
IT(AV)
7.5
A
RMS on-state current (all conduction angles)
IT(RMS)
12
A
Non-repetitive peak on-state current
(half sine wave; Tj = 25 °C prior to surge)
t = 10 ms
t = 8.3 ms
ITSM
100
110
A
I2t for fusing (t = 10 ms)
I2t
50
A2s
Repetitive rate of rise of on-state current after triggering
(ITM = 20 A; IG = 50 mA; dIG /dt = 50 mA/ms)
dIT /dt
50
A/μs
Peak gate current
IGM
2
A
Peak gate voltage
VGM
5
V
Peak reverse gate voltage
VRGM
5
V
Peak gate power (over any 20 ms period)
PGM
5
W
Average gate power
PG(AV)
0.5
W
Storage temperature
Tstg
-40~150
℃
Operating junction temperature
Tj
125
℃
*Although not recommended, off-state voltages up to 800V may be applied without damage, but the thyristor may
switch to the on-state. The rate of rise of current should not exceed 15A/
µs.


Similar Part No. - BT151

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT151 PHILIPS-BT151 Datasheet
43Kb / 6P
Thyristors
September 1997 Rev 1.200
logo
Unisonic Technologies
BT151 UTC-BT151 Datasheet
211Kb / 5P
SCRS
logo
Comset Semiconductor
BT151 COMSET-BT151 Datasheet
172Kb / 3P
THYRISTORS
logo
First Components Intern...
BT151 FCI-BT151 Datasheet
92Kb / 2P
12 Amp Silicon Controlled rectifiers all conduction angles
logo
NXP Semiconductors
BT151 NXP-BT151 Datasheet
110Kb / 8P
Thyristors
April 2004
More results

Similar Description - BT151

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT151-800C PHILIPS-BT151-800C Datasheet
110Kb / 8P
BT151 series CThyristors
April 2004
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com