Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV99L-AN3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # BAV99L-AN3-R
Description  HIGH CONDUCTANCE ULTRA FAST DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BAV99L-AN3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  BAV99L-AN3-R Datasheet HTML 1Page - Unisonic Technologies BAV99L-AN3-R Datasheet HTML 2Page - Unisonic Technologies BAV99L-AN3-R Datasheet HTML 3Page - Unisonic Technologies BAV99L-AN3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BAV99
DIODE
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R601-005,B
TYPICAL CHARACTERISTICS
150
150
150
150
150
1
2
3
5
10
20 30 50
100
Reverse Voltage vs. Reverse Current
BV - 1.0 ~ 100 uA
Reverse Current, IR (uA)
Ta = 25℃
300
250
150
100
0
10
2 3 20
30
50
70
100
Reverse Current vs. Reverse Voltage
IR - 10 ~ 100 V
Reverse Voltage, VR (V)
Ta = 25℃
200
50
GENERAL RULE : The Reverse Current of a diode will approximately
double for every ten (10) Degree C increase in Temperature
485
400
350
300
225
1
2 3
5
10
20 30 50
100
Forward Voltage vs. Forward Current
VF - 1.0 ~ 100 uA
ForwardCurrent, IF (uA)
Ta = 25℃
450
250
725
650
600
550
450
0.1
0.2 0.3 0.5
1
2
3
5
10
Forward Voltage vs. ForwardCurrent
VF – 0.1 ~ 10 mA
Forward Current, IF (mA)
Ta = 25℃
700
500
1.5
1.2
1
0.8
0.6
10
20 30
50
100
200 300 500
Forward Voltage vs. Forward Current
VF - 1.0 ~ 800 mA
Forward Current, IF (mA)
Ta = 25℃
1.4
1.3
1.2
1.1
1
0
2
4
6
8
10
12
15
Capacitance vs. Reverse Voltage
VR - 0.0 ~ 15 V
Reverse Voltage (V)
14
Ta = 25℃



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com