Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV99L-AN3-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # BAV99L-AN3-R
Description  HIGH CONDUCTANCE ULTRA FAST DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BAV99L-AN3-R Datasheet(HTML) 4 Page - Unisonic Technologies

  BAV99L-AN3-R Datasheet HTML 1Page - Unisonic Technologies BAV99L-AN3-R Datasheet HTML 2Page - Unisonic Technologies BAV99L-AN3-R Datasheet HTML 3Page - Unisonic Technologies BAV99L-AN3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
BAV99
DIODE
UNISONICTECHNOLOGIESCO.,LTD
4 of 4
www.unisonic.com.tw
QW-R601-005,B
TYPICAL CHARACTERISTICS(Cont.)
4
3
2.5
1.5
1
10
20
30
40
50
60
Reverse Recovery Time vs. Reverse
Current TRR -IR 10 mA vs. 60 mA
Reverse Current (mA)
Ta = 25℃
3.5
500
300
100
0
0
50
100
150
Average Rectified Current(Io) & Forward
Current(IF) versus Ambient Temperature(Ta)
Ambient Temperture, Ta (℃)
2
IRR (Reverse Recovery Current ) = 1.0 mA - Rloop = 100Ω
I
R - Fo
rwa
rd
Cu
rren
t Ste
ady
Sta
te
- m
A
Io - Avera
ge Rectif
ied Curre
nt - mA
200
400
500
300
100
0
0
50
100
150
Power Derating Curve
Average Temperature, Ta (℃)
200
400
200
SOT-23
SOT-363
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com