Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7650EB Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP7650EB
Description  Evaluation Board Manual
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7650EB Datasheet(HTML) 5 Page - Sipex Corporation

  SP7650EB Datasheet HTML 1Page - Sipex Corporation SP7650EB Datasheet HTML 2Page - Sipex Corporation SP7650EB Datasheet HTML 3Page - Sipex Corporation SP7650EB Datasheet HTML 4Page - Sipex Corporation SP7650EB Datasheet HTML 5Page - Sipex Corporation SP7650EB Datasheet HTML 6Page - Sipex Corporation SP7650EB Datasheet HTML 7Page - Sipex Corporation SP7650EB Datasheet HTML 8Page - Sipex Corporation SP7650EB Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
TYPE III LOOP COMPENSATION DESIGN
The open loop gain of the SP7650EB can be divided into the gain of the error amplifier
Gamp(s), PWM modulator Gpwm, buck converter output stage Gout(s), and feedback
resistor divider Gfbk. In order to crossover at the selecting frequency fco, the gain of
the error amplifier has to compensate for the attenuation caused by the rest of the loop
at this frequency. The goal of loop compensation is to manipulate the open loop
frequency response such that its gain crosses over 0dB at a slope of –20dB/dec. The
open loop crossover frequency should be higher than the ESR zero of the output
capacitors but less than 1/5 to 1/10 of the switching frequency fs to insure proper
operation. Since the SP7650EB is designed with Ceramic Type output capacitors, a
Type III compensation circuit is required to give a phase boost of 180
° in order to
counteract the effects of the output LC under damped resonance double pole
frequency.
(SRz2Cz2+1)(SR1Cz3+1)
SR1Cz2(SRz3Cz3+1)(SRz2Cp1+1)
Vin
Vramp_pp
(SResrCout+1)
[S^2LCout+S(Resr+Rdc)Cout+1]
(R1+R2)
R2
OR
Vout
Vref
Vout
(Volts)
Vref
(Volts)
Type III Voltage Loop
(Volts)
Vfbk
Gout(S)
Gain Block
Compensation Gamp(S)
PWM Stage
Output Stage
Gain Block
Gain Block
Gpwm
Gain Block
Gfbk
Voltage Feedback
Resr
:= Output Capacitor Equivalent Series Resitance
Definitions:
Rdc
:= Output Inductor DC Resistance
Vramp_pp := SP7650 Internal RAMP Amplitude Peak to Peak Voltage
Output Load Resistance >> Resr and Rdc
Cz2 >> Cp1 and R1 >> Rz3
Conditions:
Figure 11. Voltage Mode Control Loop with Loop Dynamic for Type III Compensation
The simple guidelines for positioning the poles and zeros and for calculating the
component values for Type III compensation are as follows:



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com