Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7650EB Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP7650EB
Description  Evaluation Board Manual
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7650EB Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP7650EB Datasheet HTML 2Page - Sipex Corporation SP7650EB Datasheet HTML 3Page - Sipex Corporation SP7650EB Datasheet HTML 4Page - Sipex Corporation SP7650EB Datasheet HTML 5Page - Sipex Corporation SP7650EB Datasheet HTML 6Page - Sipex Corporation SP7650EB Datasheet HTML 7Page - Sipex Corporation SP7650EB Datasheet HTML 8Page - Sipex Corporation SP7650EB Datasheet HTML 9Page - Sipex Corporation SP7650EB Datasheet HTML 10Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
a.
Choose fco = fs / 10
b.
Calculate fp_LC
fp_LC = 1 / 2
π [(L) (C)] ^ 1/2
c.
Calculate fz_ESR
fz_ESR = 1 / 2
π (Resr) (Cout)
d.
Select R1 component value such that 50k
Ω ≤ R1 ≤ 100kΩ
e.
Calculate R2 base on the desired Vout
R2 = R1 / [(Vout / 0.80V) – 1]
f.
Select the ratio of Rz2 / R1 gain for the desired gain bandwidth
Rz2 = R1 (Vramp_pp / Vin_max) (fco / fp_LC)
g.
Calculate Cz2 by placing the zero at ½ of the output filter pole frequency
Cz2 = 1 /
π (Rz2) (fp_LC)
h.
Calculate Cp1 by placing the first pole at ESR zero frequency
Cp1 = 1 / 2
π (Rz2) (fz_ESR)
i.
Calculate Rz3 by setting the second pole at ½ of the switching frequency and the
second zero at the output filter double pole frequency
Rz3 = 2 (R1) (fp_LC) / fs
j.
Calculate Cz3 from Rz3 component value above
Cz3 = 1 /
π (Rz3) (fs)
k.
Choose 100pF
≤ Cf1 ≤ 220pF to stabilize the SP7650ER internal Error Amplify
As a particular example, consider for the following SP7650EB with a Type III Voltage
Loop Compensation component selections:
Vin = 5 to 15V
Vout = 3.30V @ 0 to 3A load
Select L = 6.8uH => yield
≈ 40% of maximum 3A output current ripple.
Select Cout = 22uF Ceramic capacitor (Resr
≈ 4mΩ)
fs = 300khz SP7650 internal Oscillator Frequency
Vramp_pp = 1.0V SP7650 internal Ramp Peak to Peak Amplitude
Step by step design procedures:
a.
fco = 300khz / 5 = 60khz
b.
fp_LC = 1 / 2
π [(6.8uH)(22uF)]^1/2 ≈ 15khz
c.
fz_ESR = 1 / 2
π (2mΩ)(22uF) ≈ 3.6Mhz
d.
R1 = 68.1k
Ω, 1%



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com