Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N5819-CA2-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 1N5819-CA2-R
Description  SCHOTTKY BARRIER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

1N5819-CA2-R Datasheet(HTML) 2 Page - Unisonic Technologies

  1N5819-CA2-R Datasheet HTML 1Page - Unisonic Technologies 1N5819-CA2-R Datasheet HTML 2Page - Unisonic Technologies 1N5819-CA2-R Datasheet HTML 3Page - Unisonic Technologies 1N5819-CA2-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1N5819
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R601-008,A
ABSOLUTE MAXIMUM RATINGS (Single Diode @TA=25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
40
V
Maximum non-repetitive Peak Reverse Voltage
VRM
40
V
Maximum DC Blocking Voltage
VR
40
V
Working Peak Reverse Voltage
VRWM
40
V
Maximum RMS Reverse Voltage
VR(RMS)
28
V
Repetitive Peak Forward Current
IFRM
625
mA
Non-repetitive Peak Forward Surge Current
8.3ms Single Half-Sine-Wave
IFSM
25
A
Average Forward Rectified Output Current
IOUT
1
A
Power Dissipation
PD
250
mW
Storage Temperature Range
TSTG
-65~+150
℃
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Thermal Ambient Resistance Junction to Ambient
θJA
500
℃
/W
ELECTRICAL CHARACTERISTICS (TA=25℃, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
IF=1A
0.6
V
Forward Voltage
VF
IF=3A
0.9
V
Reverse Breakdown Voltage
BVR
IR= 1mA
40
V
Reverse Leakage Current
IR
VR=40V
1
mA
Diode Capacitance
CD
VR=4V, f=1MHz
120
pF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com