Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N5819-CA2-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 1N5819-CA2-R
Description  SCHOTTKY BARRIER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

1N5819-CA2-R Datasheet(HTML) 3 Page - Unisonic Technologies

  1N5819-CA2-R Datasheet HTML 1Page - Unisonic Technologies 1N5819-CA2-R Datasheet HTML 2Page - Unisonic Technologies 1N5819-CA2-R Datasheet HTML 3Page - Unisonic Technologies 1N5819-CA2-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1N5819
DIODE
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R601-008,A
TYPICAL CHARACTERISTICS
1
0
100
Number of Cycles @60Hz
30
10
20
10
Maximum Non-Repetitive Peak Forward Surge
Current
25
5
15
23
5
7
23
5
7
1
0.001
100
Percent Of Rated Peak Reverse Voltage (%)
100
0.1
1.0
60
Typical Reverse Characteristics
10
0.01
80
40
20
TJ = 25℃
TJ = 75℃
TJ = 125℃
50
5
20
2
0.5
0.2
0.05
0.02
0.005
0.002
0.1
10
100
400
100
Reverse Voltage (V)
1
10
Junction Capacitance
TJ = 25℃
f = 1.0MHz
Vstg = 50mVp-p
0
0.01
0.1
1.0
10
50
0.4
1.4
1.6
Instantaneous Fonward Voltage(V)
0.2
0.6
1.0
Instantaneous Forward Characteristics
0.8
1.2
TJ = 125℃
TJ = 25℃
Pulse Width = 300μs
1% Duty Cycle
3
25 7
30
20
5070
0.3
0.2
0.5 7
0
0
0.25
0.5
0.75
1.0
40
120
140
Case Temperature(℃)
20
60
100
Forward Current Derating Curve
Resistive or Inductive Load
80
0.01
0.1
100
Pulse Duration, t (sec.)
100
1
10
1
Transient Thermal Impedance
10
0.1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com