Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OBE10M-R2-SE0-P-L Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # OBE10M-R2-SE0-P-L
Description  Thru-beam sensor (pair)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

OBE10M-R2-SE0-P-L Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  OBE10M-R2-SE0-P-L Datasheet HTML 1Page - Pepperl+Fuchs Inc. OBE10M-R2-SE0-P-L Datasheet HTML 2Page - Pepperl+Fuchs Inc. OBE10M-R2-SE0-P-L Datasheet HTML 3Page - Pepperl+Fuchs Inc. OBE10M-R2-SE0-P-L Datasheet HTML 4Page - Pepperl+Fuchs Inc. OBE10M-R2-SE0-P-L Datasheet HTML 5Page - Pepperl+Fuchs Inc. OBE10M-R2-SE0-P-L Datasheet HTML 6Page - Pepperl+Fuchs Inc. OBE10M-R2-SE0-P-L Datasheet HTML 7Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Thru-beam sensor (pair)
OBE10M-R2-SE0-P-L
< Ultra-small housing design
< DuraBeam Laser Sensors - durable and employable like an LED
< 45° cable outlet for maximum mounting freedom under extremely
tight space constraints
Laser thru-beam sensor, ultra-small design with M2 mounting, 10 m detection range, dark on, NPN output,
2 m fixed cable
Function
The R2 series nano sensor has been developed for a broad range of applications. It offers excellent durability and is exceptionally easy to install.
The housing is compact and, with its 45° cable outlet, can be installed in the smallest spaces. New functional principles and functionality open up
a range of new options. The DuraBeam laser sensors are durable and can be used in the same way as a standard sensor.
Dimensions
3.8
11.2
9.1
ø2.
6
3.8
Emitter
Receiver
Technical Data
System components
Emitter
OBE10M-R2-S-P-L
Receiver
OBE10M-R2-E0-P-L
General specifications
Effective detection range
0 ... 10 m
1
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com


Similar Part No. - OBE10M-R2-SE0-P-L

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
OBE10M-R2-SE0-L PF-OBE10M-R2-SE0-L Datasheet
790Kb / 4P
Laser thru-beam sensor
More results

Similar Description - OBE10M-R2-SE0-P-L

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
OBE10M-18GF60-SA0-3M-IR PF-OBE10M-18GF60-SA0-3M-IR Datasheet
1Mb / 5P
Thru-beam sensor (pair)
2023-01-06
OBE10M-R3-SE1-P-L PF-OBE10M-R3-SE1-P-L Datasheet
1Mb / 7P
Thru-beam sensor (pair)
2023-04-04
OBE15M-18GM40A-SE2-V1 PF-OBE15M-18GM40A-SE2-V1 Datasheet
727Kb / 4P
Thru-beam sensor (pair)
2021-06-28
OBE15M-18GM60A-SE4 PF-OBE15M-18GM60A-SE4 Datasheet
700Kb / 4P
Thru-beam sensor (pair)
2021-06-28
OBE25M-18GM40-SE0 PF-OBE25M-18GM40-SE0 Datasheet
1Mb / 4P
Thru-beam sensor (pair)
2022-08-04
OBE25M-18GM40-SE2 PF-OBE25M-18GM40-SE2 Datasheet
1Mb / 4P
Thru-beam sensor (pair)
2022-08-04
OBE1000-R2-SE0-P-L PF-OBE1000-R2-SE0-P-L Datasheet
1Mb / 7P
Thru-beam sensor (pair)
2023-03-28
OBE1000-R2-SE3-P-L PF-OBE1000-R2-SE3-P-L Datasheet
1Mb / 7P
Thru-beam sensor (pair)
2023-04-05
OBE2000-R3-SE0-P PF-OBE2000-R3-SE0-P Datasheet
1Mb / 7P
Thru-beam sensor (pair)
2023-03-28
OBE2000-R3-SP1-P PF-OBE2000-R3-SP1-P Datasheet
1Mb / 7P
Thru-beam sensor (pair)
2023-03-28
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com