Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OBE10M-R2-SE0-P-L Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # OBE10M-R2-SE0-P-L
Description  Thru-beam sensor (pair)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

OBE10M-R2-SE0-P-L Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  OBE10M-R2-SE0-P-L Datasheet HTML 1Page - Pepperl+Fuchs Inc. OBE10M-R2-SE0-P-L Datasheet HTML 2Page - Pepperl+Fuchs Inc. OBE10M-R2-SE0-P-L Datasheet HTML 3Page - Pepperl+Fuchs Inc. OBE10M-R2-SE0-P-L Datasheet HTML 4Page - Pepperl+Fuchs Inc. OBE10M-R2-SE0-P-L Datasheet HTML 5Page - Pepperl+Fuchs Inc. OBE10M-R2-SE0-P-L Datasheet HTML 6Page - Pepperl+Fuchs Inc. OBE10M-R2-SE0-P-L Datasheet HTML 7Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Technical Data
Threshold detection range
15 m
Light source
laser diode
Light type
modulated visible red light , 680 nm
Laser nominal ratings
Note
LASER LIGHT , DO NOT STARE INTO BEAM
Laser class
1
Wave length
680 nm
Beam divergence
> 5 mrad
Pulse length
approx. 3 µs
Repetition rate
approx. 16.6 kHz
max. pulse energy
9.5 nJ
Diameter of the light spot
approx. 20 mm at a distance of 10 m
Opening angle
approx. 0.5 °
Optical face
frontal
Ambient light limit
EN 60947-5-2 : 30000 Lux
Functional safety related parameters
MTTFd
806 a
Mission Time (TM)
20 a
Diagnostic Coverage (DC)
0 %
Indicators/operating means
Operation indicator
LED green, statically lit Power on , short-circuit : LED green flashing (approx. 4 Hz)
Function indicator
Receiver: LED yellow, lights up when light beam is free, flashes when falling short of
the operating reserve ; OFF when light beam is interrupted
Electrical specifications
Operating voltage
UB
12 ... 24 V
No-load supply current
I0
Emitter: ≤ 10 mA
Receiver: ≤ 8 mA
Protection class
III
Input
Test input
Test of switching function at 0 V
Switching threshold
Teach-In input
Output
Switching type
NO contact / dark on
Signal output
1 NPN output, short-circuit protected, reverse polarity protected, open collector
Switching voltage
max. 30 V DC
Switching current
max. 50 mA , resistive load
Voltage drop
Ud
≤ 1.5 V DC
Switching frequency
f
approx. 2 kHz
Response time
250 µs
Conformity
Product standard
EN 60947-5-2
Laser safety
EN 60825-1:2007
Approvals and certificates
UL approval
E87056 , cULus Recognized, Class 2 Power Source
CCC approval
CCC approval / marking not required for products rated ≤36 V
FDA approval
IEC 60825-1:2007 Complies with 21 CFR 1040.10 and 1040.11 except for deviations
pursuant to Laser Notice No. 50, dated June 24, 2007
Ambient conditions
Ambient temperature
-20 ... 60 °C (-4 ... 140 °F)
Storage temperature
-30 ... 70 °C (-22 ... 158 °F)
Mechanical specifications
Housing width
7.5 mm
Housing height
24 mm
Housing depth
11.2 mm
Thru-beam sensor (pair)
OBE10M-R2-SE0-P-L
2
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com