Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPL3115A2ST1 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # MPL3115A2ST1
Description  I2C precision pressure sensor with altimetry
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPL3115A2ST1 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button MPL3115A2ST1 Datasheet HTML 17Page - NXP Semiconductors MPL3115A2ST1 Datasheet HTML 18Page - NXP Semiconductors MPL3115A2ST1 Datasheet HTML 19Page - NXP Semiconductors MPL3115A2ST1 Datasheet HTML 20Page - NXP Semiconductors MPL3115A2ST1 Datasheet HTML 21Page - NXP Semiconductors MPL3115A2ST1 Datasheet HTML 22Page - NXP Semiconductors MPL3115A2ST1 Datasheet HTML 23Page - NXP Semiconductors MPL3115A2ST1 Datasheet HTML 24Page - NXP Semiconductors MPL3115A2ST1 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
NXP Semiconductors
MPL3115A2S
I2C precision pressure sensor with altimetry
Bit
Symbol
Description
1 — A new set of data is ready
2
PDR [2]
New pressure/altitude data available. PDR is set to 1 whenever a new pressure/altitude
data acquisition is completed. PDR is cleared anytime OUT_P_MSB register is read, when
F_MODE is zero. PDR is cleared by reading F_DATA register when F_MODE > 0.
0 — No new pressure/altitude data is available (reset value)
1 — A new set of pressure/altitude data is ready
1
TDR [3]
New temperature data available. TDR is set to 1 whenever a temperature data acquisition
is completed. TDR is cleared anytime OUT_T_MSB register is read, when F_MODE is zero.
TDR is cleared by reading F_DATA register when F_MODE > 0.
0 — No new temperature data ready (reset value)
1 — A new temperature data is ready
0
reserved
This bit is reserved
Table 15. DR_STATUS - status register (address 06h) bit description...continued
[1]
PTDR and PTOW flag generation requires the DREM event flag generator to be enabled in the PT data configuration register (PT_DATA_CFG).
[2]
PDR and POW flag generation is required for the pressure/altitude event flag generator to be enabled (PDEFE = 1) in the PT data configuration register
(PT_DATA_CFG).
[3]
TDR and TOW flag generation is required for the temperature event flag generator to be enabled (TDEFE = 1) in the PT data configuration register (PT_
DATA_CFG).
14.2.1 Data registers with F_MODE = 00 (FIFO disabled)
When the FIFO data output register, F_DATA (0Eh), is disabled (F_MODE[7:6] = 00 in the F_SETUP register,
0Fh), the pressure and altitude data registers indicate the real-time status information of the sample data. This
data can be either altimeter or barometer data based on the mode defined by the ALT bit in the CTRL_REG1
register. See Section 14.8 "FIFO setup registers" for additional information.
14.3 OUT_P_MSB, OUT_P_CSB, OUT_P_LSB - pressure and altitude data registers
(address 01h, 02h, 03h)
Pressure and altitude data registers 01h, 02h, and 03h comprise the pressure and altitude data depending on
the setting of the ALT bit in the CTRL_REG1 register, in either altimeter or barometer mode. For example if the
ALT bit is set (ALT = 1) then after acquisition the data stored in registers 01h, 02h, and 03h is the altitude in
meters. Otherwise the data stored in registers 01h, 02h, and 03h (ALT = 0) is pressure data in Pascals.
The altitude data is stored as a 20-bit signed integer with a fractional part. The OUT_P_MSB (01h) and
OUT_P_CSB (02h) registers contain the integer part in meters and the OUT_P_LSB (03h) register contains the
fractional part. This value is represented as a Q16.4 fixed-point format where there are 16 integer bits (including
the signed bit) and four fractional bits.
The pressure data is stored as a 20-bit unsigned integer with a fractional part. The OUT_P_MSB (01h),
OUT_P_CSB (02h), and bits 7 to 6 of the OUT_P_LSB (03h) registers contain the integer part in Pascals. Bits 5
to 4 of OUT_P_LSB contain the fractional component. This value is representative as a Q18.2 fixed-point format
where there are 18 integer bits and two fractional bits.
MPL3115A2S
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.5 — 29 September 2023
21 / 49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com