Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPL3115A2ST1 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # MPL3115A2ST1
Description  I2C precision pressure sensor with altimetry
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPL3115A2ST1 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button MPL3115A2ST1 Datasheet HTML 18Page - NXP Semiconductors MPL3115A2ST1 Datasheet HTML 19Page - NXP Semiconductors MPL3115A2ST1 Datasheet HTML 20Page - NXP Semiconductors MPL3115A2ST1 Datasheet HTML 21Page - NXP Semiconductors MPL3115A2ST1 Datasheet HTML 22Page - NXP Semiconductors MPL3115A2ST1 Datasheet HTML 23Page - NXP Semiconductors MPL3115A2ST1 Datasheet HTML 24Page - NXP Semiconductors MPL3115A2ST1 Datasheet HTML 25Page - NXP Semiconductors MPL3115A2ST1 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 49 page
background image
NXP Semiconductors
MPL3115A2S
I2C precision pressure sensor with altimetry
Location
Bit
Address Register
7
6
5
4
3
2
1
0
01h
OUT_P_MSB
PD[19:12]
02h
OUT_P_CSB
PD[11:4]
03h
OUT_P_LSB
PD[3:0]
reserved
Reset
0
0
0
0
0
0
0
0
Access
R
R
R
R
R
R
R
R
Table 16. OUT_P_MSB, OUT_P_CSB, OUT_P_LSB - pressure and altitude data registers (address 01h, 02h, 03h) bit
allocation
14.3.1 Data registers with F_MODE = 00
The DR_STATUS, OUT_P_MSB, OUT_P_CSB, OUT_P_LSB, OUT_T_MSB, and OUT_T_LSB registers are
stored in the auto-incrementing address range of 00h to 05h. This allows the host controller to read the status
register followed by the 20-bit pressure/altitude and 12-bit temperature in a 6 byte I2C transaction.
See Section 14.8 "FIFO setup registers" for additional information.
14.4 OUT_T_MSB, OUT_T_LSB - temperature data registers (address 04h, 05h)
The temperature data is stored as a signed 12-bit integer with a fractional part. The OUT_T_MSB (04h) register
contains the integer part in °C and the OUT_T_LSB (05h) register contains the fractional part. This value is
representative as a Q8.4 fixed-point format where there are eight integer bits (including the signed bit) and four
fractional bits.
Location
Bit
Address Register
7
6
5
4
3
2
1
0
04h
OUT_T_MSB
TD[11:4]
05h
OUT_T_LSB
TD[3:0]
reserved
Reset
0
0
0
0
0
0
0
0
Access
R
R
R
R
R
R
R
R
Table 17. OUT_T_MSB, OUT_T_LSB - temperature data registers (address 04h, 05h) bit allocation
14.5 OUT_P_DELTA_MSB, OUT_P_DELTA_CSB, OUT_P_DELTA_LSB - pressure and
altitude delta register (address 07h, 08h, 09h)
The pressure and altitude delta registers 07h, 08h, and 09h comprise the pressure and altitude delta data and
provide the differences from either the last pressure or altitude samples based on the setting of the ALT bit in
the CTRL_REG1 register. Device can be in either altimeter or barometer mode.
The altitude data is arranged as a 20-bit signed integer with a fractional part. Stored as meters with the 16 bits
of OUT_P_DELTA_MSB and OUT_P_DELTA_CSB and with fractions of a meter stored in 4 bits in position 7 to
4 of OUT_P_DELTA_LSB.
The pressure is arranged as a 20-bit unsigned integer with a fractional part in Pascals. The first 18 bits are
located in OUT_P_DELTA_MSB, OUT_P_DELTA_CSB, and bits 7 to 6 of OUT_P_DELTA_LSB. The two bits in
position 5 to 4 of OUT_P_DELTA_LSB represent the fractional component.
Note: The OUT_P_DELTA register store the difference data information regardless of the state of the FIFO
data output register driver bit, F_MODE > 00.
MPL3115A2S
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.5 — 29 September 2023
22 / 49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com