Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6133 Datasheet(PDF) 13 Page - Sipex Corporation

Part # SP6133
Description  Synchronous Buck Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6133 Datasheet(HTML) 13 Page - Sipex Corporation

Back Button SP6133 Datasheet HTML 9Page - Sipex Corporation SP6133 Datasheet HTML 10Page - Sipex Corporation SP6133 Datasheet HTML 11Page - Sipex Corporation SP6133 Datasheet HTML 12Page - Sipex Corporation SP6133 Datasheet HTML 13Page - Sipex Corporation SP6133 Datasheet HTML 14Page - Sipex Corporation SP6133 Datasheet HTML 15Page - Sipex Corporation SP6133 Datasheet HTML 16Page - Sipex Corporation SP6133 Datasheet HTML 17Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
3
Oct 24-06 Rev L
SP633 Synchronous Buck Controller
© 2006 Sipex Corporation
The power dissipation of the Schottky diode
isdeterminedby:
PDIODE = 2 • VF • Iout • TNOL • FS
where:
TNOL = non-overlap time between GH and GL.
VF = forward voltage of the Schottky diode.
Loop Compensation Design
The open loop gain of the whole system can
be divided into the gain of the error ampli-
fier,PWMmodulator,buckconverteroutput
stage, and feedback resistor divider. In or-
dertocrossoverattheselectedfrequency
FCO,thegainoftheerroramplifierhasto
compensate for the attenuation caused by
therestoftheloopatthisfrequency.
The goal of loop compensation is to manipu-
lateloopfrequencyresponsesuchthatits
gain crosses over 0db at a slope of -20db/
dec.Thefirststepofcompensationdesign
istopicktheloopcrossoverfrequency.High
crossover frequency is desirable for fast
transient response, but often jeopardizes
the system stability. Crossover frequency
should be higher than the ESR zero but
less than 1/5 of the switching frequency.
The ESR zero is contributed by the ESR
associated with the output capacitors and
canbedeterminedby:
ƒz(Esr) =

2π • Cout • REsr
The next step is to calculate the complex
conjugate poles contributed by the LC
outputfilter,

ƒp(Lc) =
2π •
√ L • COUT
When the output capacitors are of a Ceramic
Type,theSP6133EvaluationBoardrequires
aTypeIIIcompensationcircuittogiveaphase
boostof180°inordertocounteracttheeffects
of an under damped resonance of the output
filteratthedoublepolefrequency.
APPLICATION INFORMATION
(SRz2Cz2+1)(SR1Cz3+1)
(SRESRCOUT+ 1)
[S2LC
OUT+S(RESR+RDC) COUT+1]
VIN
SR1Cz2(SRz3Cz3+1)(SRz2Cp1+1)
VRAMP_PP
VOUT
(Volts)
+
_
VREF
(Volts)
Notes: R
ESR = Output Capacitor Equivalent Series Resistance.
R
DC = Output Inductor DC Resistance.
V
RAMP_PP = SP6132 Internal RAMP Amplitude Peak to Peak Voltage.
Condition: Cz2 >> Cp1 & R1 >> Rz3
Output Load Resistance >> R
ESR & RDC
R2
VREF
(R1 + R2)
or
VOUT
VFBK
(Volts)
Type III Voltage Loop
Compensation
G
AMP (s) Gain Block
PWM Stage
G
PWM Gain
Block
Output Stage
G
OUT (s) Gain
Block
Voltage Feedback
G
FBK Gain Block
Figure 5: SP6133 Voltage
Mode Control Loop with
Loop Dynamic
Definitions:
REsr=OutputCapacitorEquivalentSeriesResistance
Rdc = Output Inductor DC Resistance
Vramp _ pp = SP633 internal RAMP Amplitude Peak to Peak Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com