Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82NXX-AB3-D-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 82NXX-AB3-D-R
Description  VOLTAGE DETECTORS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

82NXX-AB3-D-R Datasheet(HTML) 4 Page - Unisonic Technologies

  82NXX-AB3-D-R Datasheet HTML 1Page - Unisonic Technologies 82NXX-AB3-D-R Datasheet HTML 2Page - Unisonic Technologies 82NXX-AB3-D-R Datasheet HTML 3Page - Unisonic Technologies 82NXX-AB3-D-R Datasheet HTML 4Page - Unisonic Technologies 82NXX-AB3-D-R Datasheet HTML 5Page - Unisonic Technologies 82NXX-AB3-D-R Datasheet HTML 6Page - Unisonic Technologies 82NXX-AB3-D-R Datasheet HTML 7Page - Unisonic Technologies 82NXX-AB3-D-R Datasheet HTML 8Page - Unisonic Technologies 82NXX-AB3-D-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
82NXX
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 17
www.unisonic.com.tw
QW-R502-057,B
ABSOLUTE MAXIMUM RATINGS (Ta=25℃, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
12
V
Output Current
IOUT
50
mA
Output Voltage
VOUT
Vss-0.3 ~ VIN+0.3
V
SOT-23
150
SOT-89
500
Power Dissipation
TO-92
PD
300
mW
Operating Temperature
TOPR
-40 ~ +85
℃
Storage Temperature
TSTG
-40 ~ +150
℃
Note: 1.Absolute maximum ratings are those values beyond which the device which the device could be permanently
damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2.The device is guaranteed to meet performance specification within 0℃~+70℃ operating temperature range
and assured by design from -40℃~+85℃, characteristic and correlation with static process control.
ELECTRICAL CHARACTERISTICS (Ta=25℃, unless otherwise specified.)
Detection voltage (0.9V)
PARAMETER
SYMBOL
CIRCUIT TEST CONDITONS
MIN
TYP
MAX.
UNIT
Detect Voltage (Note1)
VDF
1
VDF×0.98
VDF
(note2)
VDF×1.02
V
Hysteresis Range
VHYS
1
VDF×0.02 VDF×0.05 VDF×0.08
V
VIN =1.5V
0.7
2.3
µA
Supply Current
ISS
2
VIN =5V
1.1
3.6
µA
Operating Voltage
VIN
1
0.7
6.0
V
Output Current
IOUT
3
VDS=0.5V, VIN=0.7V
0. 1
0.8
mA
Temperature Characteristics
△
VDF
△
TOPR·VDF
-40 ≤T
℃
OPR≤85℃
±100
ppm/℃
Transient Delay Time
tDLY
4
0.2
ms
Detection voltage (1.0V ~ 1.5V)
PARAMETER
SYMBOL
CIRCUIT TEST CONDITONS
MIN
TYP
MAX.
UNIT
Detect Voltage (Note1)
VDF
1
VDF×0.98
VDF
(note2)
VDF×1.02
V
Hysteresis Range
VHYS
1
VDF×0.02 VDF×0.05 VDF×0.08
V
VIN =1.5V
0.7
2.3
µA
Supply Current
ISS
2
VIN =5V
1.1
3.6
µA
Operating Voltage
VIN
1
0.7
6.0
V
Output Current
IOUT
3
VDS=0.5V, VIN=1.0V
0.85
2.7
mA
Temperature Characteristics
△
VDF
△
TOPR·VDF
-40 ≤T
℃
OPR≤85℃
±100
ppm/℃
Transient Delay Time
tDLY
4
0.2
ms
Detection voltage (1.6V ~ 1.9V)
PARAMETER
SYMBOL CIRCUIT TEST CONDITONS
MIN
TYP
MAX.
UNIT
Detect Voltage(Note1)
VDF
1
VDF×0.98
VDF
(note2)
VDF×1.02
V
Hysteresis Range
VHYS
1
VDF×0.02 VDF×0.05 VDF×0.08
V
VIN =1.5V
0.7
2.3
µA
Supply Current
ISS
2
VIN =5V
1.1
3.6
µA
Operating Voltage
VIN
1
0.7
10
V
Output Current
IOUT
3
VDS=0.5V, VIN=1.0V
1.0
2.2
mA
Temperature Characteristics
△
VDF
△
TOPR·VDF
-40 ≤T
℃
OPR≤85℃
±100
ppm/℃
Transient Delay Time
tDLY
4
0.2
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com