Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82NXX-AB3-D-R Datasheet(PDF) 12 Page - Unisonic Technologies

Part # 82NXX-AB3-D-R
Description  VOLTAGE DETECTORS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

82NXX-AB3-D-R Datasheet(HTML) 12 Page - Unisonic Technologies

Back Button 82NXX-AB3-D-R Datasheet HTML 8Page - Unisonic Technologies 82NXX-AB3-D-R Datasheet HTML 9Page - Unisonic Technologies 82NXX-AB3-D-R Datasheet HTML 10Page - Unisonic Technologies 82NXX-AB3-D-R Datasheet HTML 11Page - Unisonic Technologies 82NXX-AB3-D-R Datasheet HTML 12Page - Unisonic Technologies 82NXX-AB3-D-R Datasheet HTML 13Page - Unisonic Technologies 82NXX-AB3-D-R Datasheet HTML 14Page - Unisonic Technologies 82NXX-AB3-D-R Datasheet HTML 15Page - Unisonic Technologies 82NXX-AB3-D-R Datasheet HTML 16Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
82NXX
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
12 of 17
www.unisonic.com.tw
QW-R502-057,B
TYPICAL PERFORMANCE CHARACTERICS (Cont.)
(2) SUPPLY CURRENT vs. INPUT VOLTAGE(Cont.)
02
2.5
82N25
4
6
0
3.0
3.5
2.0
1.5
8
Input Voltage, VIN (V)
0.5
1.0
25℃
Ta=85℃
-40℃
10
02
2.5
82N33
46
8
0
3.0
3.5
2.0
1.5
10
Input Voltage, VIN (V)
0.5
1.0
25℃
Ta=85℃
-40℃
02
2.5
82N43
4
6
0
3.0
3.5
2.0
1.5
8
Input Voltage, VIN (V)
0.5
1.0
25℃
Ta=85℃
-40℃
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com