Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN6650-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # AN6650-S08-R
Description  MOTOR SPEED CONTROL CIRCUIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

AN6650-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  AN6650-S08-R Datasheet HTML 1Page - Unisonic Technologies AN6650-S08-R Datasheet HTML 2Page - Unisonic Technologies AN6650-S08-R Datasheet HTML 3Page - Unisonic Technologies AN6650-S08-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AN6650
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO.,LTD
3
www.unisonic.com.tw
QW-R109-002. C
ABSOLUTE MAXIMUM RATINGS (Ta=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
7.5
V
Terminal Voltage
Vn (n=1,2,3,4)
-0.5 ~ 7.5
V
Terminal 8 Voltage
V8
-0.5 ~ 1
V
Supply Current
ICC*
1000
mA
Terminal 7 Current
I7
1000
mA
DIP-8
750
Power Dissipation
SOP-8
PD
360
mW
Operating Temperature
TOPR
0 ~ +70
°C
Storage Temperature
TSTG
-40 ~ +150
°C
*Test Time<5
µs
ELECTRICAL CHARACTERISTICS (Ta=25°C, Vcc=6V, f=1KHZ, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
TEST
CIRCUIT
MIN
TYP
MAX
UNIT
Quiescent Circuit Current
ICC
VCC=3V
1
2
3
mA
Reference Voltage
VREF
VCC=3V,R2-1>10kΩ
4
1.20
1.28
1.35
V
Start Voltage
VCC(S)
30mAcurrent flow to Ra
2
1.0
1.2
V
Saturation Voltage
V(SAT)
VCC=1.8V, Ra=4.7Ω
2
0.2
0.5
V
Reference Voltage
Characteristics
ΔVREF
V
REF
ΔVCC
VCC=1.8V ~ 7.0V
1
-1.25
0.1
1.25
%/V
Output Voltage
Characteristics
ΔVA
VA
ΔVCC
VCC=1.8V ~ 7.0V
3
-1.2
0.1
1.2
%/V
Reference Voltage Current
Characteristics
ΔVREF
VREF
ΔI7
I7=1mA ~ 20mA
4
-0.2
0.01
0.2
%/mA
Reference Voltage
Temperature
Characteristics
∆V
REF
VREF
∆T
A
Ta=-20 ~ +60°C, VCC=3.0V
4
0.01
%/
°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com