Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN6650-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # AN6650-S08-R
Description  MOTOR SPEED CONTROL CIRCUIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

AN6650-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  AN6650-S08-R Datasheet HTML 1Page - Unisonic Technologies AN6650-S08-R Datasheet HTML 2Page - Unisonic Technologies AN6650-S08-R Datasheet HTML 3Page - Unisonic Technologies AN6650-S08-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO.,
AN6650
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1
Copyright © 2005 Unisonic Technologies Co.,
QW-R109-002.C
MOTOR SPEED CONTROL
CIRCUIT
DESCRIPTION
The UTC AN6650 is a monolithic integrated circuit,
designed for the tape recorder.
FEATURES
*Wide operating supply voltage: Vcc=1.8V-7V
*Few external components
*Easy speed control mode
DIP -8
SO P-8
*Pb-free plating product number: AN6650L
ORDERING INFORMATION
Order Number
Normal
Lead Free Plating
Package
Packing
AN6650-S08-R
AN6650L-S08-R
SOP-8
Tape Reel
AN6650-S08-T
AN6650L-S08-T
SOP-8
Tube
AN6650-D08-T
AN6650L-D08-T
DIP-8
Tube


Similar Part No. - AN6650-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
AN6650-S08-R UTC-AN6650-S08-R Datasheet
139Kb / 5P
MOTOR SPEED CONTROL CIRCUIT
More results

Similar Description - AN6650-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCAN6650 UTC-UTCAN6650 Datasheet
31Kb / 3P
MOTOR SPEED CONTROL CIRCUIT
UTCAN6651 UTC-UTCAN6651 Datasheet
86Kb / 3P
MOTOR SPEED CONTROL CIRCUIT
logo
List of Unclassifed Man...
UTC6651 ETC1-UTC6651 Datasheet
64Kb / 2P
MOTOR SPEED CONTROL CIRCUIT
logo
Linear Integrated Syste...
UTC6650 LINEAR-UTC6650 Datasheet
109Kb / 4P
MOTOR SPEED CONTROL CIRCUIT
logo
Unisonic Technologies
AN6650 UTC-AN6650_10 Datasheet
139Kb / 5P
MOTOR SPEED CONTROL CIRCUIT
AN6651 UTC-AN6651_08 Datasheet
174Kb / 5P
MOTOR SPEED CONTROL CIRCUIT
AN6650 UTC-AN6650_15 Datasheet
211Kb / 5P
MOTOR SPEED CONTROL CIRCUIT
AN6651 UTC-AN6651_15 Datasheet
174Kb / 5P
MOTOR SPEED CONTROL CIRCUIT
logo
Hangzhou Youwang Electr...
UTC6651 YOUWANG-UTC6651 Datasheet
64Kb / 2P
MOTOR SPEED CONTROL CIRCUIT
logo
List of Unclassifed Man...
D6650 ETC-D6650 Datasheet
118Kb / 4P
MOTOR SPEED CONTROL CIRCUIT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com