Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5100-AF5-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # L5100-AF5-R
Description  WHITE LED STEP-UP CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L5100-AF5-R Datasheet(HTML) 2 Page - Unisonic Technologies

  L5100-AF5-R Datasheet HTML 1Page - Unisonic Technologies L5100-AF5-R Datasheet HTML 2Page - Unisonic Technologies L5100-AF5-R Datasheet HTML 3Page - Unisonic Technologies L5100-AF5-R Datasheet HTML 4Page - Unisonic Technologies L5100-AF5-R Datasheet HTML 5Page - Unisonic Technologies L5100-AF5-R Datasheet HTML 6Page - Unisonic Technologies L5100-AF5-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
L5100
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2
www.unisonic.com.tw
QW-R103-024,A
PIN DESCRIPTION
PIN NO.
SOT-25
SOT-363
PIN NAME
SYMBOL
FUNCTION
1
1
Switch
SW
Connect inductor/diode here. Minimize trace area at this pin to
reduce EMI.
2
2/5
Ground
GND
Connect directly to local ground plane.
3
3
Feedback
FB
Reference voltage is 95mV. Connect cathode of lowest LED and
resistor here. Calculate resistor value according to the formula:
RFB = 95mV/ILED
4
4
Shutdown
SHDN
Connect to 1.5V or higher to enable device; 0.4V or less to disable
device.
5
6
Input Supply
VIN
Input Supply Pin. Must be locally bypassed.
BLOCK DIAGRAM
5
VREF
1.25V
3
1
2
4
95mV
VIN
FB
Pin 5 (SOT-25)
Pin 6 (SOT-363 )
-
+
A1
-
+
-
+
A2
Rc
Cc
Σ
RAMP
GENERATOR
1.2MHz
TIME CONTROL
R
S
Q
DRIVER
SW
Q1
GND
Pin 2 /5 (SOT-363 )
Pin 2
(SOT-25 )
0.2Ω
SHUTDOWN
Slope compensation
SHDN



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com