Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5100-AF5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # L5100-AF5-R
Description  WHITE LED STEP-UP CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L5100-AF5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  L5100-AF5-R Datasheet HTML 1Page - Unisonic Technologies L5100-AF5-R Datasheet HTML 2Page - Unisonic Technologies L5100-AF5-R Datasheet HTML 3Page - Unisonic Technologies L5100-AF5-R Datasheet HTML 4Page - Unisonic Technologies L5100-AF5-R Datasheet HTML 5Page - Unisonic Technologies L5100-AF5-R Datasheet HTML 6Page - Unisonic Technologies L5100-AF5-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO.,
L5100
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1
Copyright © 2005 Unisonic Technologies Co.,
QW-R103-024,A
WHITE LED STEP-UP
CONVERTER
DESCRIPTION
The UTC L5100 is a STEP-UP DC/DC Converter and
designed for driving white LEDs with a constant current. It
can drive several LEDs in series by a Li-Ion cell. UTC L5100
switches at a high frequency 1.2MHz, so it can allowing the
use of tiny external components. The output capacitor can be
as small as 0.22µF, saving space and cost compare with
alternative other solutions. The low 95mV feedback voltage
minimizes power loss in the current setting resistor can have
better efficiency.
FEATURES
* Inherently Matched LED Current
* High Efficiency: 83% Typical
* Drives Up to Four LEDs from a 3.2V Supply
* Drives Up to Six LEDs from a 5V Supply
* 36V Rugged Bipolar Switch
* 1.2MHz Switching Frequency
* Uses Tiny 1mm Tall Inductors
* Output Capacitor can be small to only 0.22µF
SOT-25
1
2
3
4
5
SOT-363
1
*Pb-free plating product number: L5100L
ORDERING INFORMATION
Ordering Number
Normal
Lead Free Plating
Package
Packing
L5100-AF5-R
L5100L-AF5-R
SOT-25
Tape Reel
L5100-AN3-R
L5100L-AN3-R
SOT-363
Tape Reel


Similar Part No. - L5100-AF5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L5100 UTC-L5100 Datasheet
294Kb / 7P
WHITE LED STEP-UP CONVERTER
L5100 UTC-L5100 Datasheet
299Kb / 7P
WHITE LED STEP-UP CONVERTER
L5100G-AF5-R UTC-L5100G-AF5-R Datasheet
294Kb / 7P
WHITE LED STEP-UP CONVERTER
L5100G-AF5-R UTC-L5100G-AF5-R Datasheet
299Kb / 7P
WHITE LED STEP-UP CONVERTER
L5100L-AF5-R UTC-L5100L-AF5-R Datasheet
299Kb / 7P
WHITE LED STEP-UP CONVERTER
More results

Similar Description - L5100-AF5-R

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1521 ANACHIP-AP1521 Datasheet
200Kb / 8P
White LED Step-Up Converter
Rev. 0.1 Apr. 27, 2004
logo
IXYS Corporation
MX841 IXYS-MX841 Datasheet
202Kb / 6P
White LED Step-Up Converter
logo
Unisonic Technologies
L1937 UTC-L1937 Datasheet
60Kb / 7P
WHITE LED STEP-UP CONVERTER
logo
Gamma Microelectronics ...
GM1937 GAMMA-GM1937 Datasheet
133Kb / 9P
WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3029 BCDSEMI-AP3029_09 Datasheet
779Kb / 16P
WHITE LED STEP-UP CONVERTER
logo
Diodes Incorporated
AP5726 DIODES-AP5726_10 Datasheet
299Kb / 17P
WHITE LED STEP-UP CONVERTER
DS31845 Rev. 3 - 2
logo
Unisonic Technologies
L5100 UTC-L5100_10 Datasheet
294Kb / 7P
WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3019A BCDSEMI-AP3019A Datasheet
619Kb / 15P
WHITE LED STEP-UP CONVERTER
AP3036 BCDSEMI-AP3036 Datasheet
484Kb / 14P
WHITE LED STEP-UP CONVERTER
logo
Diodes Incorporated
AP3036B DIODES-AP3036B Datasheet
517Kb / 11P
WHITE LED STEP-UP CONVERTER
Rev 1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com