Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5100L-AF5-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # L5100L-AF5-R
Description  WHITE LED STEP-UP CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L5100L-AF5-R Datasheet(HTML) 3 Page - Unisonic Technologies

  L5100L-AF5-R Datasheet HTML 1Page - Unisonic Technologies L5100L-AF5-R Datasheet HTML 2Page - Unisonic Technologies L5100L-AF5-R Datasheet HTML 3Page - Unisonic Technologies L5100L-AF5-R Datasheet HTML 4Page - Unisonic Technologies L5100L-AF5-R Datasheet HTML 5Page - Unisonic Technologies L5100L-AF5-R Datasheet HTML 6Page - Unisonic Technologies L5100L-AF5-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
L5100
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3
www.unisonic.com.tw
QW-R103-024,A
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
12
V
Switch Voltage
VSW
36
V
Feedback Voltage
VFB
12
V
Shutdown Voltage
VSHDN
12
V
Operating Temperature
TOPR
0 ~ +70
℃
Junction Temperature
TJ
+125
℃
Storage Temperature
TSTG
-40 ~ +150
℃
ELECTRICAL CHARACTERISTICS (Ta=25℃, V
IN=3V, VSHDN=3V, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Operating Voltage
VIN
2.5
12
V
Feedback Voltage
VFB
ISW=100mA, Duty Cycle=66%
87
95
104
mV
Shutdown Voltage ON
VON
1.5
V
Shutdown Voltage OFF
VOFF
0.3
V
Switch VCESAT
VCESAT(SW)
ISW=250mA
360
mV
Switch Current Limit
ISW
320
mA
Supply current
Icc
SHDN=0V
1.8
0.1
2.5
1.0
mA
µA
Switch Leakage Current
ISW(OFF)
VSW=5V
0.01
5
µA
Shutdown Pin Bias Current
ISHDN
60
µA
Feedback Pin Bias Current
IFB
10
45
100
nA
Switching Frequency
fOSC
0.8
1.2
1.6
MHz
Maximum Duty Cycle
DC
85
90
%



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com