Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5100L-AF5-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # L5100L-AF5-R
Description  WHITE LED STEP-UP CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L5100L-AF5-R Datasheet(HTML) 4 Page - Unisonic Technologies

  L5100L-AF5-R Datasheet HTML 1Page - Unisonic Technologies L5100L-AF5-R Datasheet HTML 2Page - Unisonic Technologies L5100L-AF5-R Datasheet HTML 3Page - Unisonic Technologies L5100L-AF5-R Datasheet HTML 4Page - Unisonic Technologies L5100L-AF5-R Datasheet HTML 5Page - Unisonic Technologies L5100L-AF5-R Datasheet HTML 6Page - Unisonic Technologies L5100L-AF5-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
L5100
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4
www.unisonic.com.tw
QW-R103-024,A
TYPICAL APPLICATION CIRCUIT
VIN
SW
SHDN
FB
GND
R1
2Ω
COUT
0.22μF
CIN
1μF
VIN
3V ~ 5V
L
22μH
D
5k
90k
VDC
DIMMING
Li-Ion to Two White LEDs
86
LED CURRENT (mA)
10
0
72
76
30
20
74
80
82
84
Two LED Efficiency
40
VIN=3V
78
70
VIN=3.6V
Li-Ion to Three White LEDs
90
LED CURRENT (mA)
5
0
60
70
15
10
65
75
80
85
Three LED Efficiency
20
VIN=3V
VIN=3.6V
VIN
SW
SHDN
FB
GND
R1
6.34Ω
15mA
COUT
0.22μF
CIN
1μF
VIN
3V ~ 5V
L
22μF
D
VDC
DIMMING
90k
5k



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com