Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U3848-S08-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # U3848-S08-R
Description  HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U3848-S08-R Datasheet(HTML) 5 Page - Unisonic Technologies

  U3848-S08-R Datasheet HTML 1Page - Unisonic Technologies U3848-S08-R Datasheet HTML 2Page - Unisonic Technologies U3848-S08-R Datasheet HTML 3Page - Unisonic Technologies U3848-S08-R Datasheet HTML 4Page - Unisonic Technologies U3848-S08-R Datasheet HTML 5Page - Unisonic Technologies U3848-S08-R Datasheet HTML 6Page - Unisonic Technologies U3848-S08-R Datasheet HTML 7Page - Unisonic Technologies U3848-S08-R Datasheet HTML 8Page - Unisonic Technologies U3848-S08-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
U3848/A/B/C
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 13
www.unisonic.com.tw
QW-R103-033,B
ABSOLUTE MAXIMUM RATINGS (Ta=25°C, VCC=15V, RT=75kΩ, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
26
V
Input Voltage to FB Pin
VFB
-0.3 ~ 6.2
V
Input Voltage to CS Pin
VCS
-0.3 ~ 2.8
V
Input Voltage to RT Pin
VRT
-0.3 ~ 6.2
V
Junction Temperature
TJ
+150
°C
Operating Temperature
TOPR
-40 ~ +125
°C
Storage Temperature
TSTG
-50 ~ +150
°C
Note Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
OPERATING RANGE
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
8.2 ~ 21
V
ELECTRICAL CHARACTERISTICS (Ta=25°C, VCC=15V, RT=75kΩ, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY SECTION
Start Up Current
ISTR
VCC=12.5V
27
45
µA
OFF
IOFF
VSS = 0, IFB = 0
3.7
5.5
mA
Supply Current with switch
ON
ION
VSS = 5V, IFB = 0
4.0
6.0
mA
UNDER-VOLTAGE LOCKOUT SECTION
Start Threshold Voltage
VTHD(ON)
11.8
12.6
13.4
V
Min. Operating Voltage
VCC(MIN)
7.6
8.1
8.6
V
Hysteresis
VCC(HY)
4.5
V
INTERNAL VOLTAGE REFERENCE
Reference Voltage
VREF
measured at pin VREF
6.1
6.3
6.6
V
CONTROL SECTION
U3848/B(Note1)
85
95
105
kHz
Normal
VFB = 4V
U3848A/C(Note2)
61
68
75
kHz
Switch Frequency
Power-Saving
F(SW)
VFB = 1V
17
20
23
kHz
MAX
DMAX
65
70
75
%
Duty Cycle
MIN
DMIN
VFB < 0.5V
0
%
MIN
VMIN
0.5
V
VFB Operating Level
MAX
VMAX
4.4
V
Feedback Resistor
RFB
2.6
3.8
5.0
k
External Resistor for controlling Current
Source of OSC
RT
75
k
CSS=0.05uF
6
ms
CSS=0.1uF
12
ms
Soft-Start Time
TSS
CSS=1uF
120
ms
PROTECTION SECTION
OVP threshold
V(OVP)
VSS < 3.5V, VFB > 5V
15.2
16
16.8
V
OLP threshold
VFB(OLP) VSS > 5.4V
4.4
4.6
4.9
V
OTP threshold
T(THR)
120
135
150
°C
OVP Disable threshold
VSS(DEACT) VFB > 5V, VCC > 17V
3.7
3.9
4.2
V
OLP Enable threshold
VSS(ACT) VFB > 5V
4.9
5.1
5.4
V
Spike Blanking time
TSB
7.2
µs
CURRENT LIMITING SECTION
LEB
tLEB
220
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com