Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U3848-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U3848-S08-R
Description  HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U3848-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U3848-S08-R Datasheet HTML 1Page - Unisonic Technologies U3848-S08-R Datasheet HTML 2Page - Unisonic Technologies U3848-S08-R Datasheet HTML 3Page - Unisonic Technologies U3848-S08-R Datasheet HTML 4Page - Unisonic Technologies U3848-S08-R Datasheet HTML 5Page - Unisonic Technologies U3848-S08-R Datasheet HTML 6Page - Unisonic Technologies U3848-S08-R Datasheet HTML 7Page - Unisonic Technologies U3848-S08-R Datasheet HTML 8Page - Unisonic Technologies U3848-S08-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U3848/A/B/C
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 13
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R103-033.B
HIGH PERFORMANCE
CURRENT MODE PWM
CONTROLLERS
DESCRIPTION
The UTC U3848/A/B/C is designed to provide several special
enhancements to satisfy the needs: Power-Saving mode for low
standby power, Over Current Protection (OCP), Over Voltage
Protection (OVP), Over Load Protection (OLP), Over Temperature
Protection (OTP) etc protection features. IC will be shutdown when
either protection arise and can auto-restart. Its frequency may be
defined by user through resistor RT to external ground. UVLO
featuring typical start-up current 20µA, and VCC(ON) 12.6V, VCC(OFF)
8.1V. Lower typical operation current Icc 3.7mA at inactive output.
The output stage, suitable for driving N-Channel MOSFETs, can
operate to duty cycles approach 70%. The U3848/A/B/C are fully
pin-to-pin compatible with UC3842. But pin RT only connected a
resistor to ground to decide switch frequency, and pin FB with an
4k
Ω pull up resistor to internal reference voltage. The U3848/A/B/C
also have soft-start function avoiding overshoot, and controlled
driver output rise edge time tR for low EMI.
FEATURES
* Low startup and operation current
* User defined switching frequency(Norm is 70kHz)
* Max duty cycle 70%
* Power-saving mode for low power
* Under voltage lockout with hysteresis
* Over temperature protection
* Overload protection
* Over voltage protection
* Leading edge blanking
* Soft start
DIP-8
SOP-8
*Pb-free plating product number:
U3848L/U3848AL/U3848BL/U3848CL
ORDERING INFORMATION
Order Number
Normal
Lead Free Plating
Package
Packing
U3848-D08-T
U3848L-D08-T
DIP-8
Tube
U3848-S08-R
U3848L-S08-R
SOP-8
Tape Reel
U3848-S08-T
U3848L-S08-T
SOP-8
Tube
U3848A-D08-T
U3848AL-D08-T
DIP-8
Tube
U3848A-S08-R
U3848AL-S08-R
SOP-8
Tape Reel
U3848A-S08-T
U3848AL-S08-T
SOP-8
Tube
U3848B-D08-T
U3848BL-D08-T
DIP-8
Tube
U3848B-S08-R
U3848BL-S08-R
SOP-8
Tape Reel
U3848B-S08-T
U3848BL-S08-T
SOP-8
Tube
U3848C-D08-T
U3848CL-D08-T
DIP-8
Tube
U3848C-S08-R
U3848CL-S08-R
SOP-8
Tape Reel
U3848C-S08-T
U3848CL-S08-T
SOP-8
Tube


Similar Part No. - U3848-S08-R

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U3800 TEMIC-U3800 Datasheet
1Mb / 31P
Multi Standard Feature Phone Integrated Circuit
U3800BM TEMIC-U3800BM Datasheet
1Mb / 31P
Multi Standard Feature Phone Integrated Circuit
U3810BM TEMIC-U3810BM Datasheet
497Kb / 31P
Multi Standard Feature Phone Integrated Circuit
logo
Texas Instruments
U3825DW TI-U3825DW Datasheet
914Kb / 17P
High Speed PWM Controller
U3825J TI-U3825J Datasheet
914Kb / 17P
High Speed PWM Controller
More results

Similar Description - U3848-S08-R

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
PL384XAQ8 CYSTEKEC-PL384XAQ8 Datasheet
281Kb / 15P
High Performance Current Mode PWM Controllers
PL384XBP8 CYSTEKEC-PL384XBP8 Datasheet
278Kb / 15P
High Performance Current Mode PWM Controllers
logo
Unisonic Technologies
UC3844 UTC-UC3844 Datasheet
298Kb / 7P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Gamma Microelectronics ...
GM3842A GAMMA-GM3842A Datasheet
628Kb / 19P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Unisonic Technologies
UC2843B UTC-UC2843B Datasheet
210Kb / 9P
HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
UC2844-45 UTC-UC2844-45 Datasheet
295Kb / 7P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2843B UTC-UC2843B_13 Datasheet
285Kb / 8P
HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
UC2844 UTC-UC2844_12 Datasheet
294Kb / 7P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2843B UTC-UC2843B_15 Datasheet
285Kb / 8P
HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
UC2844 UTC-UC2844_16 Datasheet
228Kb / 6P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com